Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1360AFG Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TA1360AFG
Description  YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1360AFG Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TA1360AFG_05 Datasheet HTML 1Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 2Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 3Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 4Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 5Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 6Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 7Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 8Page - Toshiba Semiconductor TA1360AFG_05 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
TA1360AFG
2005-08-18
5
Pin
No.
Pin Name
Function
Interface Circuit
Input Signal/Output Signal
12
13
14
R OUT
G OUT
B OUT
Outputs R/G/B signal.
Recommended output amplitude:
100 IRE
= 2.3 Vp-p
100 IRE: 2.3 Vp-p
Conditions:
UNI-COLOR = max
SUB-CONT = Cent
Y IN
= 0.7 Vp-p
15
NC
This pin is not used.
Connect to GND.
16
RGB VCC
VCC pin for text/RGB block.
See “Maximum Ratings” about the
supply voltage.
17
NC
This pin is not used.
Connect to GND.
18
19
21
ANALOG OSD
R IN
ANALOG OSD
G IN
ANALOG OSD
B IN
Inputs analog OSD signal via
clamp capacitor.
100 IRE: 0.7 Vp-p (not including
sync)
20
22
NC
This pin is not used.
Connect to GND.
23
DAC2
(ACB pulse)
Outputs 1-bit DAC or pulse over
ACB period.
Open-collector output.
DC or ACB PULSE
24
25
26
ANALOG R IN
ANALOG G IN
ANALOG B IN
Inputs analog R/G/B signal via
clamp capacitor.
100 IRE: 0.7 Vp-p (not including
sync)
27
I
2L GND
GND pin for I
2L block
16
10
1 kΩ
24
25
26
1 kΩ
1 k
16
23
10
500
16
10
1 k
18
19
21
1 k
1 kΩ
16
10
12
13
14
200


Numéro de pièce similaire - TA1360AFG_05

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results

Description similaire - TA1360AFG_05

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1360ANG TOSHIBA-TA1360ANG_05 Datasheet
1Mb / 108P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
TA1360AFG TOSHIBA-TA1360AFG Datasheet
1Mb / 110P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
   Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
   Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
   Digital Signal Processor for TV
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
   Digital Signal Processor for TV
logo
Sanyo Semicon Device
LC74982W SANYO-LC74982W Datasheet
99Kb / 14P
   LCD TV Scan Converter IC
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com