Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1310ANG Fiches technique(PDF) 26 Page - Toshiba Semiconductor

No de pièce TA1310ANG
Description  NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1310ANG Fiches technique(HTML) 26 Page - Toshiba Semiconductor

Back Button TA1310ANG Datasheet HTML 22Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 23Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 24Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 25Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 26Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 27Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 28Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 29Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 106 page
background image
TA1310ANG
2005-09-20
26
CHARACTERISTIC
SYMBOL
TEST
CIR-
CUIT
TEST
CONDITION
MIN
TYP.
MAX
UNIT
∆vsu+
1.8
2.3
2.8
Sub-Contrast Control Range
∆vsu−
(Note T17)
−3.0
−3.5
−4.0
dB
V#13
V#14
RGB Output Voltage
V#15
(Note T18)
2.35
2.6
2.85
V
CUT+R
CUT+G
CUT+B
0.45
0.5
0.55
CUT−R
CUT−G
Cut-Off Voltage Control Range
CUT−B
(Note T19)
−0.45
−0.5
−0.55
V
DRG+
2.35
2.85
3.35
DRG−
−4.25
−5.0
−5.75
DRB+
2.35
2.85
3.35
Drive Adjustment Range
DRB−
(Note T20)
−4.25
−5.0
−5.75
dB
#11 Input Impedance
Zin11
(Note T21)
24
30
36
kΩ
ACL1
−1.5
−3.5
−5.5
ACL Characteristic
ACL2
(Note T22)
−12
−15
−18
dB
ABLP1
0.04
−0.01
−0.06
ABLP2
−0.09
−0.14
−0.19
ABLP3
−0.24
−0.29
−0.34
ABL Point
ABLP4
(Note T23)
−0.37
−0.42
−0.47
V
ABLG1
−0.119
−0.095
−0.072
ABLG2
−0.400
−0.320
−0.240
ABLG3
−0.750
−0.600
−0.450
ABL Gain
ABLG4
(Note T24)
−0.925
−0.740
−0.555
V
BLK Off Mode
BLK
(Note T25)
Oper-
ating
GTXR
GTXG
Analog RGB Gain
GTXB
(Note T26)
4.2
5.0
6.0
Times
GfTXR
GfTXG
Analog RGB Frequency Characteristics
GfTXB
(Note T27)
−1.0
−3.0
dB
GR13
GR14
Analog RGB Input Dynamic Lange
GR15
(Note T28)
0.47
0.55
Vp-p
VTXMAXR
VTXMAXG
Analog RGB White Peak Slice Level
VTXMAXB
(Note T29)
3.5
3.8
4.1
Vp-p
VTXMINR
VTXMING
Analog RGB Black Peak Limiter Level
VTXMINB
(Note T30)
1.9
2.1
2.3
V


Numéro de pièce similaire - TA1310ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
More results

Description similaire - TA1310ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
TA1310N TOSHIBA-TA1310N Datasheet
3Mb / 100P
   NTSC VIDEO, CHROMA, DEFRECTION, AND DEC. DISTORTION COMPENSATION IC (FOR YUV INTERFACE AND ACB WITH)
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1252ANG TOSHIBA-TA1252ANG Datasheet
379Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
TA1310BN TOSHIBA-TA1310BN Datasheet
1Mb / 101P
   BUILT-IN VIDEO, CHROMA, AND SYNC SIGNAL PROCESSOR AND DEFLECTION CORRECTION IC FOR NTSC COLOR TV (YUV INTERFACE SUPPORTED)
2002-12-10
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
M51414BSP MITSUBISHI-M51414BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com