Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1310ANG Fiches technique(PDF) 53 Page - Toshiba Semiconductor

No de pièce TA1310ANG
Description  NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1310ANG Fiches technique(HTML) 53 Page - Toshiba Semiconductor

Back Button TA1310ANG Datasheet HTML 49Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 50Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 51Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 52Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 53Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 54Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 55Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 56Page - Toshiba Semiconductor TA1310ANG Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 106 page
background image
TA1310ANG
2005-09-20
53
(#16 VCC = 9 V, #37 VCC = 9 V, #51 VCC = 5 V, Ta = 25 ± 3°C)
SW MODE
NOTE
ITEM
SW6
SW45 SW52 SW53
MEASUREMENT METHOD
A4
Color Adjustment
Characteristics
C
A
B
B
1)
Set to external color difference input mode (subaddress (05H), data (81))
2)
Now set as follows :
Unicolor
:
maximum (subaddress (00H), data (3F))
Brightness
:
maximum (subaddress (01H), data (7F))
Relative phase amplitude :
standard (subaddress (12H), data (00)).
3)
Set SW52A and SW53A to B. Input signal C-2 to the R-Y input pin (TP52) and the B-Y input pin (TP53).
f0 = 100 kHz, picture period amplitude = 0.2 Vp-p.
4)
Set the color to the maximum (subaddress (02H), data (7F)). Measure RCmax, the amplitude of the R output (TP13), and
BCmax, and the amplitude of the B output (TP15).
5)
Set the color to the center (subaddress (02H), data (40)). Measure RCcnt, the amplitude of the R output (TP13), and
BCcnt, the amplitude of the B output (TP15).
6)
Set the color to the minimum (subaddress (02H), data (00)). Measure RCmin, the amplitude of the R output (TP13), and
BCmin, the amplitude of the B output (TP15).
7)
Calculate the color adjustment characteristics cRmax, cRmin, cBmax, and cBmin by the following formulas.
CNT
RC
MAX
RC
Log
20
max
cR
=
CNT
RC
MIN
RC
Log
20
min
cR
=
CNT
BC
MAX
BC
20Log
maX
cB
=
CNT
BC
MIN
BC
Log
20
min
cB
=
Note 1: Where the bus data are not specified, set the preset value.
Note 2: Ensure the sync signal is always input to TP38 (SYNC IN).


Numéro de pièce similaire - TA1310ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
More results

Description similaire - TA1310ANG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1310AN TOSHIBA-TA1310AN Datasheet
3Mb / 104P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC (WITH YUV INTERFACE AND ACB)
TA1310N TOSHIBA-TA1310N Datasheet
3Mb / 100P
   NTSC VIDEO, CHROMA, DEFRECTION, AND DEC. DISTORTION COMPENSATION IC (FOR YUV INTERFACE AND ACB WITH)
TA1252AN TOSHIBA-TA1252AN Datasheet
365Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1252ANG TOSHIBA-TA1252ANG Datasheet
379Kb / 9P
   NTSC VIDEO, CHROMA, DEFLECTION, AND DISTORTION COMPENSATION IC
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
TA1276AFG TOSHIBA-TA1276AFG Datasheet
1Mb / 83P
   PAL/NTSC Video Chroma And Deflection IC For CTV
TA1310BN TOSHIBA-TA1310BN Datasheet
1Mb / 101P
   BUILT-IN VIDEO, CHROMA, AND SYNC SIGNAL PROCESSOR AND DEFLECTION CORRECTION IC FOR NTSC COLOR TV (YUV INTERFACE SUPPORTED)
2002-12-10
logo
Mitsubishi Electric Sem...
M5141BSP MITSUBISHI-M5141BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
M52023SP MITSUBISHI-M52023SP Datasheet
1Mb / 14P
   NTSC VIDEO CHROMA DEFLECTION
M51414BSP MITSUBISHI-M51414BSP Datasheet
1Mb / 24P
   NTSC VIDEO CHROMA DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com