Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN3800 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FAN3800
Description  Mono / Stereo Audio Amplifier with Microphone Pre-Amplifier and EMU Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3800 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  FAN3800 Datasheet HTML 1Page - Fairchild Semiconductor FAN3800 Datasheet HTML 2Page - Fairchild Semiconductor FAN3800 Datasheet HTML 3Page - Fairchild Semiconductor FAN3800 Datasheet HTML 4Page - Fairchild Semiconductor FAN3800 Datasheet HTML 5Page - Fairchild Semiconductor FAN3800 Datasheet HTML 6Page - Fairchild Semiconductor FAN3800 Datasheet HTML 7Page - Fairchild Semiconductor FAN3800 Datasheet HTML 8Page - Fairchild Semiconductor FAN3800 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3800 • Rev. 1.0.0
6
Electrical Characteristics (Continued)
TA = 25°C, VS = 3.0V, audio inputs at -6dBV and AC coupled with 1µF, speaker outputs DC coupled into 16Ω loads
referenced to 1kHz, ID = VIL, CBYPASS = 100nF, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Microphone Pre-Amplifier
AMIC
Gain
(1)
1kHz, no divider on MICOUT, Input = -58dBV
37.5
38.0
38.5
dB
20Hz to 100Hz
-3.0
0.5
dB
FRMIC
Frequency Response
(1)
Input = -58dBV, no
divider on MICOUT,
referenced to 1kHz
100Hz to 20kHz
-0.5
0.5
THDMIC
Distortion
(2)
Input = -44dBV at 1kHz
Microphone output resistors, R1 = R2 = 800Ω
-65
dB
SINAD
NOISEMIC
Idle Noise
(2)
Input loaded with 2Ω through 1µF cap.
Psophometric weighted output
-80
dBVp
Speaker Amplifier
ASPK
Gain
(1)
Input = -26dBV at 1kHz, 16Ω loads
-0.5
0
0.5
dB
20Hz to 15kHz
referenced to 1kHz
-1.5
1.5
dB
FRSPK
Frequency Response
(1)
Input = -26dBV
15kHz to 20kHz
referenced to 1kHz
-0.5
0.5
THDSPK
Distortion
(2)
Input = -6dBV at 1kHz
-65
dB
SINAD
NOISESPK
Idle Noise
(2)
No input
-75
dBV(A)
XTLKMS
Microphone to Speaker
Crosstalk
(2)
Input at microphone to give D+ = -6dBV,
measure at speaker output
-65
dB
XTLKSM
Speaker to Microphone
Crosstalk
(2)
D- = -6dBV, measure at D+
-65
dB
AMATCH
Matching of L & R
Channels
(2)
Input = -26dBV, 20Hz to 20kHz
0.5
dB
XTLKSPK
Crosstalk Between L & R
Channel
(2)
Input = -26dBV
-65
dB
Notes:
1.
100% tested at TA = 25°C.
2.
Guaranteed by design and characterization.
3.
Microphone path noise measured using psophometric weighting function (see Figure 4).
4.
Speaker path noise measured using A-type weighting.


Numéro de pièce similaire - FAN3800

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC16X FAIRCHILD-FAN3850AUC16X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850AUC16X ONSEMI-FAN3850AUC16X Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
logo
Fairchild Semiconductor
FAN3850AUC19X FAIRCHILD-FAN3850AUC19X Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
More results

Description similaire - FAN3800

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8952 WOLFSON-WM8952 Datasheet
893Kb / 72P
   Mono ADC with Microphone Pre-amplifier
logo
Texas Instruments
PCM2912PJT TI-PCM2912PJT Datasheet
712Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912 TI-PCM2912 Datasheet
813Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
PCM2912A TI1-PCM2912A Datasheet
839Kb / 32P
[Old version datasheet]   AUDIO CODEC WITH USB INTERFACE, MONO MICROPHONE INPUT AND STEREO HEADPHONE OUTPUT
logo
Asahi Kasei Microsystem...
AKD4641EN-A AKM-AKD4641EN-A Datasheet
732Kb / 54P
   16bit stereo CODEC with built-in Microphone-amplifier and 16bit Mono CODEC for Bluetooth Interface.
logo
Texas Instruments
PCM1870A TI-PCM1870A Datasheet
675Kb / 46P
[Old version datasheet]   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
Burr-Brown (TI)
PCM1870 BURR-BROWN-PCM1870 Datasheet
759Kb / 49P
   16-Bit Low-Power Stereo Audio ADC With Microphone Bias and Microphone Amplifier
logo
National Semiconductor ...
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
logo
Elite Semiconductor Mem...
AD82587D ESMT-AD82587D Datasheet
764Kb / 45P
   2X20W Stereo / 1X40W Mono Digital Audio Amplifier
Revision: 1.6
logo
Texas Instruments
LM4780 TI1-LM4780 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com