Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA1275BFNG Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TA1275BFNG
Description  SECAM Demodulator Processor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA1275BFNG Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TA1275BFNG Datasheet HTML 1Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 2Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 3Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 4Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 5Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 6Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 7Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 8Page - Toshiba Semiconductor TA1275BFNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TA1275BFNG
2005-03-14
3
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCCmax
8
V
Input pin voltage
Vin
GND - 0.3 ~ Vcc + 0.3
V
Power consumption
PD (Note)
780
mW
Power consumption reduction ratio
1 / Qja
6.3
mW / °C
Operating temperature
Topr
−30~85
°C
Storage temperature
Tstg
−55~150
°C
Note:
When using the device at above TA = 25°C, decrease the power dissipation by 9.1 mW for each increase of
1°C.
The absolute maximum ratings of a semiconductor device are a set of specified parameter values that must not be
exceeded during operation, even for an instant.
If any of these ratings are exceeded during operation, the electrical characteristics of the device may be irreparably
altered, in which case the reliability and lifetime of the device can no longer be guaranteed.
Moreover, operations with exceeded ratings may cause breakdown, damage and/or degradation in other equipment.
Applications using the device should be designed so that no maximum rating will ever be exceeded under any operating
conditions.
Before using, creating and/or producing designs, refer to and comply with the precautions and conditions set forth in
these documents.
Operating Conditions
Characteristic
Description
Min
Typ.
Max
Unit
Supply voltage
Pin 2, 15
4.75
5.0
5.25
Y Input signal level
White: 100%, including sync.
0.9
1.0
1.1
V (p-p)
Color difference input level
Burst level
270
300
330
mV (p-p)
G level
3.25
4.0
5.0
H level
1.95
2.1
2.6
SCP input level
V level
1.1
1.25
1.4
V
4.43 MHz CW input level
Pin 4
200
mV (p-p)
Electrical Characteristics
(YC VCC / Pulse VCC = 5 V, Ta = 25°C, unless otherwise specified)
Current Consumption
Pin Name
Symbol
Test
Circuit
Min
Typ.
Max
Unit
VCC (Y / C)
ICC1
32.0
38.5
48.1
VCC (Pulse)
ICC2
5.6
6.7
8.4
mA


Numéro de pièce similaire - TA1275BFNG

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
TA1275 KEC-TA1275 Datasheet
479Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (COLOR TV VERTICAL DEFLECTION OUTPUT, COLOR TV CLASS B SOUND OUTPUT)
logo
Toshiba Semiconductor
TA1275Z TOSHIBA-TA1275Z Datasheet
825Kb / 23P
   SECAM DEMODULATOR PROCESSOR
More results

Description similaire - TA1275BFNG

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA1275Z TOSHIBA-TA1275Z Datasheet
825Kb / 23P
   SECAM DEMODULATOR PROCESSOR
logo
List of Unclassifed Man...
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
TDA3590A ETC-TDA3590A Datasheet
1Mb / 15P
   SECAM PROCESSOR CIRCUIT
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
STMicroelectronics
STV2112B STMICROELECTRONICS-STV2112B Datasheet
184Kb / 24P
   BUS-CONTROLLED PAL/SECAM TV PROCESSOR
logo
NXP Semiconductors
TDA9144 PHILIPS-TDA9144 Datasheet
309Kb / 44P
   I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor with PALplus helper demodulator
1996 Jan 17
logo
STMicroelectronics
STV2110A STMICROELECTRONICS-STV2110A Datasheet
378Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
logo
NXP Semiconductors
TDA9141 PHILIPS-TDA9141 Datasheet
175Kb / 25P
   PAL/NTSC/SECAM decoder/sync processor
December 1992
logo
STMicroelectronics
STV2110B STMICROELECTRONICS-STV2110B Datasheet
176Kb / 15P
   PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com