Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA58LT00F Fiches technique(PDF) 9 Page - Toshiba Semiconductor

No de pièce TA58LT00F
Description  150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58LT00F Fiches technique(HTML) 9 Page - Toshiba Semiconductor

Back Button TA58LT00F Datasheet HTML 2Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 3Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 4Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 5Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 6Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 7Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 8Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 9Page - Toshiba Semiconductor TA58LT00F Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TA58LT00F
2006-11-06
9
Package Dimensions
HSIP5-P-1.27B
Unit : mm
Weight: 0.36 g (Typ.)
6.5±0.2
5.2±0.2
0.6max
0.7max
0.5±0.1
0.6±0.1
0.6max
1.27
0.8max
0.7±0.1
0.5±0.1
1.1±0.2


Numéro de pièce similaire - TA58LT00F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA58L05F TOSHIBA-TA58L05F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L06F TOSHIBA-TA58L06F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L06S TOSHIBA-TA58L06S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
TA58L08F TOSHIBA-TA58L08F Datasheet
221Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

Description similaire - TA58LT00F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
NCP623 ONSEMI-NCP623_06 Datasheet
212Kb / 16P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com