Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA58L06F Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TA58L06F
Description  250 mA Low Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA58L06F Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TA58L06F Datasheet HTML 1Page - Toshiba Semiconductor TA58L06F Datasheet HTML 2Page - Toshiba Semiconductor TA58L06F Datasheet HTML 3Page - Toshiba Semiconductor TA58L06F Datasheet HTML 4Page - Toshiba Semiconductor TA58L06F Datasheet HTML 5Page - Toshiba Semiconductor TA58L06F Datasheet HTML 6Page - Toshiba Semiconductor TA58L06F Datasheet HTML 7Page - Toshiba Semiconductor TA58L06F Datasheet HTML 8Page - Toshiba Semiconductor TA58L06F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TA58L05, 06, 08, 09, 10, 12, 15F
2006-11-02
4
TA58L05F
Electrical Characteristics (unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 14 V, IOUT = 10 mA
4.85
5.00
5.15
Output voltage
VOUT
5.35 V <= VIN <= 26 V, IOUT = 10 mA,
-40°C <= Ta <= 105°C
4.8
5.0
5.2
V
9 V <= VIN <= 16 V, IOUT = 10 mA
1
10
Line regulation
Reg・line
5.35 V <= VIN <= 26 V, IOUT = 10 mA
2
15
mV
Load regulation
Reg・load
VIN = 14 V, 10 mA <= IOUT <= 250 mA
10
30
mV
6 V <= VIN <= 26 V, IOUT = 0 A
0.45
1.00
Quiescent current
IB
6 V <= VIN <= 26 V, IOUT = 250 mA
25
50
mA
IOUT = 50 mA
0.08
0.20
Dropout voltage
VD
IOUT = 200 mA
0.22
0.40
V
TA58L06F
Electrical Characteristics (unless otherwise specified, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
VIN = 14 V, IOUT = 10 mA
5.82
6.00
6.18
Output voltage
VOUT
6.35 V <= VIN <= 26 V, IOUT = 10 mA,
-40°C <= Ta <= 105°C
5.76
6.00
6.24
V
10 V <= VIN <= 17 V, IOUT = 10 mA
1
10
Line regulation
Reg・line
6.35 V <= VIN <= 26 V, IOUT = 10 mA
2
15
mV
Load regulation
Reg・load
VIN = 14 V, 10 mA <= IOUT <= 250 mA
10
30
mV
7 V <= VIN <= 26 V, IOUT = 0 A
0.5
1.0
Quiescent current
IB
7 V <= VIN <= 26 V, IOUT = 250 mA
25
50
mA
IOUT = 50 mA
0.08
0.20
Dropout voltage
VD
IOUT = 200 mA
0.22
0.40
V


Numéro de pièce similaire - TA58L06F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA58L06S TOSHIBA-TA58L06S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
More results

Description similaire - TA58L06F

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
M2950 UTC-M2950 Datasheet
148Kb / 7P
   250 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA58L05S TOSHIBA-TA58L05S Datasheet
230Kb / 12P
   250 mA Low Dropout Voltage Regulator
logo
Texas Instruments
TPS732 TI1-TPS732 Datasheet
1Mb / 39P
[Old version datasheet]   250-mA Low-Dropout Regulator
logo
Vishay Siliconix
SIP21110 VISHAY-SIP21110 Datasheet
452Kb / 12P
   250-mA Adjustable, Low Dropout Regulator
Rev. C, 08-Jun-09
logo
Texas Instruments
TPS766 TI1-TPS766 Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
logo
ON Semiconductor
NCP5504 ONSEMI-NCP5504_13 Datasheet
145Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
April, 2013 ??Rev. 4
NCP5504 ONSEMI-NCP5504 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
October, 2005 ??Rev. 1
NCP5504 ONSEMI-NCP5504_06 Datasheet
71Kb / 10P
   250 mA Dual Output Low Dropout Linear Regulator
September, 2006 ??Rev. 2
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com