Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA48LS015F Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TA48LS015F
Description  300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA48LS015F Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TA48LS015F Datasheet HTML 2Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 3Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 4Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 5Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 6Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 7Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 8Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 9Page - Toshiba Semiconductor TA48LS015F Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TA48LS015, 018, 025, 033, 05F
2007-06-22
6
TA48LS05F
Electrical Characteristics
(Unless otherwise specified, VEN = VIN, CIN = 0.33 μF, COUT = 1 μF, Tj = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
VIN = 7 V, IOUT = 150 mA
4.875
5.000
5.125
V
Line regulation
Reg・line
6 V <= VIN <= 10 V, IOUT = 150 mA
3
20
mV
Load regulation
Reg・load
VIN = 7 V, 5 mA <= IOUT <= 300 m A
4
20
mV
6 V <= VIN <= 10 V, IOUT = 0 A
1.0
1.7
Quiescent current
IB
6 V <= VIN <= 10 V, IOUT = 300 mA
5
10
mA
Quiescent current (OFF mode)
IB(OFF)
6 V <= VIN <= 10 V, VEN = 0.4 V
0.2
5.0
μA
VIN = 2.1 V, IOUT = 0 A
1.3
4.2
Starting quiescent current
IBstart
VIN = 3.0 V, IOUT = 300 mA
8.5
18.0
mA
Output noise voltage
VNO
VIN = 7 V, IOUT = 50 mA,
10 Hz <= f <= 100 kHz
70
μVrms
Ripple rejection
R.R.
VIN = 7 V, IOUT = 50 mA,
f
= 120 Hz
70
dB
IOUT = 150 mA
0.2
0.5
Dropout voltage
VD
IOUT = 300 mA
0.3
0.6
V
Output control voltage (ON)
VEN(ON)
2
V
Output control voltage (OFF)
VEN(OFF)
0.8
V
Output control current (ON)
IEN(ON)
VIN = VEN = 7 V
73
100
μA
Average temperature
coefficient of output voltage
TCVO
VIN = 7 V, IOUT = 5 mA,
0°C <= Tj <= 125°C
0.45
mV/°C


Numéro de pièce similaire - TA48LS015F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results

Description similaire - TA48LS015F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TA48LS00F TOSHIBA-TA48LS00F Datasheet
309Kb / 9P
   300 mA Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58MS05F TOSHIBA-TA58MS05F Datasheet
209Kb / 9P
   500 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48S015AF TOSHIBA-TA48S015AF Datasheet
251Kb / 11P
   1A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S018F TOSHIBA-TA48S018F Datasheet
226Kb / 11P
   1-A Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
   1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
TA58LT00F TOSHIBA-TA58LT00F Datasheet
221Kb / 10P
   150 mA Output Current and Tracking Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com