Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVCH16T245GQLR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74AVCH16T245GQLR
Description  16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCH16T245GQLR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AVCH16T245GQLR Datasheet HTML 3Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 4Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 5Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 6Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 7Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 8Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 9Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 10Page - Texas Instruments SN74AVCH16T245GQLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN74AVCH16T245
16BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES587B − AUGUST 2004 − REVISED APRIL 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.5 V ± 0.1 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
ns
tPHL
A
B
3.6
0.5
6.2
0.5
5.2
0.5
4.1
0.5
3.7
ns
tPLH
B
A
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
ns
tPHL
B
A
3.3
0.5
6.2
0.5
5.9
0.5
5.6
0.5
5.5
ns
tPZH
OE
A
4.3
1
10.1
1
10.1
1
10.1
1
10.1
ns
tPZL
OE
A
4.3
1
10.1
1
10.1
1
10.1
1
10.1
ns
tPZH
OE
B
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
ns
tPZL
OE
B
5.6
1
10.1
0.5
8.1
0.5
5.9
0.5
5.2
ns
tPHZ
OE
A
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
ns
tPLZ
OE
A
4.5
1.5
9.1
1.5
9.1
1.5
9.1
1.5
9.1
ns
tPHZ
OE
B
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
ns
tPLZ
OE
B
5.5
1.5
8.7
1.5
7.5
1
6.5
1
6.3
ns
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.8 V ± 0.15 V (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCB = 1.2 V
VCCB = 1.5 V
± 0.1 V
VCCB = 1.8 V
± 0.15 V
VCCB = 2.5 V
± 0.2 V
VCCB = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
B
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
ns
tPHL
A
B
3.4
0.5
5.9
0.5
4.8
0.5
3.7
0.5
3.3
ns
tPLH
B
A
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
ns
tPHL
B
A
3
0.5
5.2
0.5
4.8
0.5
4.5
0.5
4.4
ns
tPZH
OE
A
3.4
1
7.8
1
7.8
1
7.8
1
7.8
ns
tPZL
OE
A
3.4
1
7.8
1
7.8
1
7.8
1
7.8
ns
tPZH
OE
B
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
ns
tPZL
OE
B
5.4
1
9.2
0.5
7.4
0.5
5.3
0.5
4.5
ns
tPHZ
OE
A
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
ns
tPLZ
OE
A
4.2
1.5
7.7
1.5
7.7
1.5
7.7
1.5
7.7
ns
tPHZ
OE
B
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
ns
tPLZ
OE
B
5.2
1.5
8.4
1.5
7.1
1
5.9
1
5.7
ns


Numéro de pièce similaire - SN74AVCH16T245GQLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
446Kb / 19P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCH16T245GQLR TI-SN74AVCH16T245GQLR Datasheet
616Kb / 21P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH16T245GQLR TI1-SN74AVCH16T245GQLR Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
More results

Description similaire - SN74AVCH16T245GQLR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA164245 TI-SN74AVCA164245 Datasheet
323Kb / 15P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCBH164245 TI-SN74AVCBH164245 Datasheet
294Kb / 13P
[Old version datasheet]   16 BIT DUAL SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3 STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_07 Datasheet
385Kb / 16P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245 TI-SN74AVC16T245_08 Datasheet
519Kb / 22P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_09 Datasheet
495Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245-Q1 TI1-SN74AVCB164245-Q1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC16T245-Q1 TI1-SN74AVC16T245-Q1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245_10 Datasheet
638Kb / 20P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCAH164245 TI-SN74AVCAH164245_02 Datasheet
171Kb / 11P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCA164245 TI-SN74AVCA164245_07 Datasheet
378Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCB164245 TI-SN74AVCB164245 Datasheet
375Kb / 15P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com