Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP281 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TLP281
Description  PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TLP281_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 5Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 6Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 7Page - Toshiba Semiconductor TLP281_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLP281,TLP281-4
2007-10-01
2
*1: Ex. rank GB: TLP281 (GB)
(Note): Application type name for certification test, please use standard product type name, i.e.
TLP281 (GB): TLP281
−1 , TLP281−4 (GB): TLP281−4
Current Transfer Ration (%)
(IC / IF)
IF = 5 mA, VCE = 5 V, Ta = 25℃
TYPE
Classi-
Fication(*1)
Min
Max
Marking of Classification
Blank
50
600
Blank ,Y
,YE,G,G
,GR,B,BL,GB
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank BL
200
600
BL
Rank GB
100
600
GB
Rank YH
75
150
Y
Rank GRL
100
200
G
Rank GRH
150
300
G
TLP281
Rank BLL
200
400
B
Blank
50
600
Blank , GB
TLP281-4
Rank GB
100
600
GB


Numéro de pièce similaire - TLP281_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP281-4 TOSHIBA-TLP281-4 Datasheet
207Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4 TOSHIBA-TLP281-4 Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

Description similaire - TLP281_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
   PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
   Photocoupler GaAs Ired & Photo - Transistor
TLP180 TOSHIBA-TLP180_07 Datasheet
166Kb / 8P
   Photocoupler GaAs Ired & Photo−Transistor
4N29 TOSHIBA-4N29 Datasheet
301Kb / 6P
   TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP372 TOSHIBA-TLP372 Datasheet
189Kb / 8P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP285-4 TOSHIBA-TLP285-4 Datasheet
326Kb / 16P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP180 TOSHIBA-TLP180 Datasheet
360Kb / 7P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320 Datasheet
206Kb / 7P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
TLP291-4 TOSHIBA-TLP291-4 Datasheet
407Kb / 14P
   TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP421F TOSHIBA-TLP421F Datasheet
111Kb / 3P
   TOSHIBA Photocoupler GaAs IRed & Photo-Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com