Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HCT244AF Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74HCT244AF
Description  Octal Bus Buffer with TTL Input Level
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HCT244AF Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74HCT244AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HCT244AF Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC74HCT240,244AP/AF
2007-10-01
5
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
4.5
5.5
7
6
12
11
15
14
ns
50
4.5
5.5
15
13
22
20
28
25
Propagation delay
time
(Note 2)
tpLH
tpHL
150
4.5
5.5
21
16
30
27
38
34
ns
50
4.5
5.5
15
13
25
22
31
28
Propagation delay
time
(Note 3)
tpLH
tpHL
150
4.5
5.5
21
18
33
29
41
37
ns
50
4.5
5.5
17
14
30
27
38
34
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
150
4.5
5.5
23
20
38
34
48
43
ns
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
50
4.5
5.5
16
13
30
27
38
34
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
(Note 2)
33
Power dissipation
capacitance
(Note 1)
CPD
(Note 3)
31
pF
Note 1: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/8 (per bit)
Note 2: TC74HCT240A
Note 3: TC74HCT244A


Numéro de pièce similaire - TC74HCT244AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HCT244AF TOSHIBA-TC74HCT244AF Datasheet
241Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74HCT244AFW TOSHIBA-TC74HCT244AFW Datasheet
241Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
More results

Description similaire - TC74HCT244AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HCT540AP TOSHIBA-TC74HCT540AP_07 Datasheet
273Kb / 7P
   Octal Bus Buffer with TTL Input Level
TC74HCT540AP TOSHIBA-TC74HCT540AP Datasheet
236Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTING/NON-INVERTING, 3-STATE OUTPUTS
TC74HCT240AP TOSHIBA-TC74HCT240AP Datasheet
241Kb / 6P
   OCTAL BUS BUFFER WITH TTL INPUT LEVEL. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
logo
Rochester Electronics
54FCT244 ROCHESTER-54FCT244 Datasheet
529Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
   Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com