Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP561G Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TLP561G
Description  Triac Driver Programmable Controllers AC−Output Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP561G Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TLP561G Datasheet HTML 1Page - Toshiba Semiconductor TLP561G Datasheet HTML 2Page - Toshiba Semiconductor TLP561G Datasheet HTML 3Page - Toshiba Semiconductor TLP561G Datasheet HTML 4Page - Toshiba Semiconductor TLP561G Datasheet HTML 5Page - Toshiba Semiconductor TLP561G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLP561G
2002-09-25
5
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Ambient temperature Ta (℃)
Normalized IH – Ta
Ambient temperature Ta (℃)
Normalized IFT – Ta
VT = 3V
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Normalized IDRM – Ta
Ambient temperature Ta (℃)
10
3
80
60
40
20
0
100
10
2
10
1
10
0
VDRM = Rated
Ambient temperature Ta (℃)
Normalized VDRM – Ta
1.4
100
80
0
–40
1.2
1.0
0.8
0.6
0.4
0.2
60
40
20
–20
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Ambient temperature Ta (℃)
Normalized VIH – Ta
IF = Rated IFT
100
80
60
20
40
0
–20
3
1.2
1
0.5
0.3
0.1
–40
2
Ambient temperature Ta (℃)
Normalized IIH – Ta
IF = Rated IFT
VT = Rated VDRM


Numéro de pièce similaire - TLP561G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G_15 Datasheet
309Kb / 6P
   TOSHIBA Photocoupler GaAs Ired and Photo?뭈riac
More results

Description similaire - TLP561G

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP3527 TOSHIBA-TLP3527 Datasheet
167Kb / 6P
   Triac Driver Programmable Controllers AC−Output Module Solid State Relay
TLP161J TOSHIBA-TLP161J Datasheet
122Kb / 6P
   Triac Drive Programmable Controllers Ac−Output Module Solid State Relay
TLP561G TOSHIBA-TLP561G Datasheet
152Kb / 6P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP360J TOSHIBA-TLP360J Datasheet
77Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP361J TOSHIBA-TLP361J Datasheet
78Kb / 4P
   Triac Driver Programmable Controllers AC-Output Module Solid State Relay
TLP3507 TOSHIBA-TLP3507 Datasheet
271Kb / 6P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP560G TOSHIBA-TLP560G Datasheet
259Kb / 5P
   TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
   Programmable Controllers AC / DC−Input Module
TLP266J TOSHIBA-TLP266J Datasheet
408Kb / 13P
   Triac Drivers Programmable Logic Controllers (PLCs) AC-Output Modules
TLP521-1 TOSHIBA-TLP521-1_07 Datasheet
249Kb / 9P
   Programmable Controllers AC/DC−Input Module Solid State Relay
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com