Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1408 Fiches technique(PDF) 4 Page - Toshiba Semiconductor |
|
2SA1408 Fiches technique(HTML) 4 Page - Toshiba Semiconductor |
4 / 5 page 2SA1408 2006-11-09 4 Collector current IC (mA) fT – IC Collector-base voltage VCB (V) Cob – VCB Collector-emitter voltage VCE (V) Safe Operating Area 10 −3 Common emitter Tc = 25°C −10 −30 −100 −300 30 50 100 300 −2 VCE = −5 V 100 3 −1 Common emitter f = 1 MHz Tc = 25°C 5 10 −3 −10 −30 −100 30 50 −0.03 −3 −5 −0.05 −0.1 −0.5 −1 −10 −30 −100 −300 *: Single nonrepetitive pulse Tc = 25°C Curves must be derated linearly with increase in temperature. IC max (pulsed)* IC max (continuous) DC operation Tc = 25°C 10 ms* 1 ms* 100 ms* VCEO max −3 −0.3 |
Numéro de pièce similaire - 2SA1408_07 |
|
Description similaire - 2SA1408_07 |