Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC40103AP Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TC74HC40103AP
Description  Dual BCD Programmable Down Counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC40103AP Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TC74HC40103AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC40103AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TC74HC40102,40103AP/AF
2007-10-01
2
IEC Logic Symbol
TC74HC40102A
TC74HC40103A
Truth Table
Control Inputs
CLR
APE
SPE
CI/CE
Mode
Functional Description
H
H
H
H
Count Inhibit
Count is inhibited regardless of other inputs.
H
H
H
L
Regular Count
Down count on the rising edge of CK
H
H
L
X
Synchronous Preset
Input data is preset on the rising edge of CK
H
L
X
X
Asynchronous Preset Input data is asynchronously preset to CK
L
X
X
X
Clear
Counter is set to maximum count.
X: Don’t care
Maximum count: TC74HC40102A “99”, TC74HC40103A “255”


Numéro de pièce similaire - TC74HC40103AP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC40103AP TOSHIBA-TC74HC40103AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
More results

Description similaire - TC74HC40103AP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC40102AP TOSHIBA-TC74HC40102AP Datasheet
430Kb / 11P
   DUAL BCD/8-BIT BINARY PROGRAMMABLE DOWN COUNTER
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
   Programmable 4-bit BCD down counter
January 1995
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B Datasheet
286Kb / 16P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
March, 2000 ??Rev. 3
MC14569B ONSEMI-MC14569B_14 Datasheet
145Kb / 12P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
July, 2014 ??Rev. 8
logo
NXP Semiconductors
74HC4510 PHILIPS-74HC4510 Datasheet
102Kb / 12P
   BCD up/down counter
December 1990
logo
Hitachi Semiconductor
HD14510B HITACHI-HD14510B Datasheet
88Kb / 6P
   BCD Up/Down Counter
logo
Motorola, Inc
MC14510B MOTOROLA-MC14510B Datasheet
284Kb / 10P
   BCD Up/Down Counter
logo
ON Semiconductor
MC14569B ONSEMI-MC14569B_05 Datasheet
145Kb / 14P
   Programmable Divide-By-N Dual 4-Bit Binary/BCD Down Counter
February, 2005 ??Rev. 5
logo
NXP Semiconductors
HEF4510B PHILIPS-HEF4510B Datasheet
135Kb / 10P
   BCD up/down counter
January 1995
HEF4518B PHILIPS-HEF4518B Datasheet
66Kb / 7P
   Dual BCD counter
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com