Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP621-4 Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TLP621-4
Description  Programmable Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP621-4 Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP621-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP621-4 Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
TLP621,TLP621
−2,TLP621−4
2007-10-01
7
TLP621
IF – Ta
Ambient temperature Ta (°C)
0
-20
80
40
20
0
20
40
60
80
100
60
100
120
TLP621-2
TLP621-4
IF – Ta
Ambient temperature Ta (°C)
100
0
-20
60
40
0
20
40
60
80
100
80
20
120
TLP621
PC – Ta
Ambient temperature Ta (°C)
240
-20
40
160
0
60
100
120
0
80
200
120
20
40
80
TLP621-2
TLP621-4
PC – Ta
Ambient temperature Ta (°C)
120
0
-20
40
0
40
100
80
60
20
20
60
80
100
120
TLP621
IFP – DR
Duty cycle ratio DR
3000
10
3
10-3
10-2
10-1
3
30
300
100
1000
500
50
3
3
100
Pulse width ≤ 100μs
Ta = 25°C
TLP621-2
TLP621-4
IFP – DR
Duty cycle ratio DR
3000
1000
500
300
100
50
30
10
3
10-3
3
10-2
3
100
Pulse width ≤ 100μs
Ta = 25°C
10-1
3


Numéro de pièce similaire - TLP621-4

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP621-4 TOSHIBA-TLP621-4 Datasheet
425Kb / 10P
   PROGRAMMABLE CONTROLLER AC/DC-INPUT MODULE SOLID STATE RELAY
logo
ISOCOM COMPONENTS
TLP621-4 ISOCOM-TLP621-4 Datasheet
1Mb / 3P
   HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP621-4 TOSHIBA-TLP621-4 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621-4 TOSHIBA-TLP621-4 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
TLP621-4 TOSHIBA-TLP621-4 Datasheet
208Kb / 10P
   Programmable Controller AC / DC?묲nput Module Solid State Relay
More results

Description similaire - TLP621-4

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
CP2E OMRON-CP2E Datasheet
8Mb / 47P
   Programmable Controller
CQM1-DA022 OMRON-CQM1-DA022 Datasheet
1Mb / 22P
   Programmable Controller
HMC-EF583 OMRON-HMC-EF583 Datasheet
3Mb / 24P
   Programmable Controller
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Digital Core Design
D8259 DCD-D8259 Datasheet
131Kb / 4P
   Programmable Interrupt Controller
logo
UMC Corporation
UM8259A UMC-UM8259A Datasheet
1Mb / 16P
   PROGRAMMABLE INTERRUPT CONTROLLER
logo
NXP Semiconductors
TDA9151B PHILIPS-TDA9151B Datasheet
473Kb / 36P
   Programmable deflection controller
July 1994
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
SELEC Controls Pvt. Ltd
MM1013 SELEC-MM1013 Datasheet
80Kb / 2P
   Programmable Logic Controller
logo
Analog Devices
AD7147 AD-AD7147_17 Datasheet
1Mb / 71P
   CapTouch Programmable Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com