Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP626-2 Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TLP626-2
Description  Programmable Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP626-2 Fiches technique(HTML) 6 Page - Toshiba Semiconductor

  TLP626-2 Datasheet HTML 1Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 2Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 3Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 4Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 5Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 6Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 7Page - Toshiba Semiconductor TLP626-2 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TLP626,TLP626-2,TLP626-4
2007-10-01
6
IC / IF – IF
Forward current IF (mA)
1000
10
0.1
500
300
50
30
0.3
0.5
1
3
5
10
100
Ta = 25 °C
VCE = 5 V
VCE = 1.5 V
VCE = 0.5 V
Ambient temperature Ta (°C)
IC – Ta
0.03
20
30
10
5
3
1
0.5
0.3
0
20
40
60
80
100
0.1
0.05
VCE = 1.5 V
VCE = 0.5 V
0.2 mA
0.5 mA
1mA
2 mA
IF = 2 mA
10
IC – VCE
Collector-emitter voltage VCE (V)
4.0
0
3.5
2.0
1.0
0.5
1.5
3.0
2.5
0.1
0.3
0.5
1
3
5
Ta = 25 °C
IF = 1.0 mA
0.8 mA
0.6 mA
0.5 mA
0.4 mA
0.2 mA
IC – IF
Forward current IF (mA)
50
0.01
0.1
0.5
0.3
0.05
0.03
0.3
0.5
1
3
5
10
0.1
30
10
5
3
1
Ta = 25 °C
VCE = 5 V
VCE = 1.5 V
VCE = 0.5 V


Numéro de pièce similaire - TLP626-2

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP626-2 TOSHIBA-TLP626-2 Datasheet
387Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE TELECOMMUNICATION
logo
ISOCOM COMPONENTS
TLP626-2 ISOCOM-TLP626-2 Datasheet
1Mb / 3P
   LOW INPUT CURRENT A.C. INPUT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results

Description similaire - TLP626-2

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
logo
Panasonic Semiconductor
FPG-XY64D2T PANASONIC-FPG-XY64D2T Datasheet
2Mb / 24P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com