Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC368AFN Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74HC368AFN
Description  Hex Bus Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC368AFN Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74HC368AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC368AFN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TC74HC367,368AP/AF/AFN
2007-10-01
5
AC Characteristics (input: tr = tf = 6 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
CL
(pF)
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
50
2.0
4.5
6.0
25
7
6
60
12
10
75
15
13
ns
50
2.0
4.5
6.0
36
12
10
95
19
16
120
24
20
Propagation delay
time
tpLH
tpHL
150
2.0
4.5
6.0
40
16
14
130
26
22
165
33
28
ns
50
2.0
4.5
6.0
36
12
10
120
24
20
150
30
26
Output enable time
tpZL
tpZH
RL = 1 kΩ
150
2.0
4.5
6.0
40
16
14
160
32
27
200
40
34
ns
Output disable time
tpLZ
tpHZ
RL = 1 kΩ
50
2.0
4.5
6.0
35
15
13
120
24
20
150
30
26
ns
Input capacitance
CIN
5
10
10
pF
Output capacitance
COUT
10
pF
TC74HC367A
36
Power dissipation
capacitance
CPD
(Note) TC74HC368A
30
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/6 (per bit)


Numéro de pièce similaire - TC74HC368AFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC368AFN TOSHIBA-TC74HC368AFN Datasheet
268Kb / 7P
   HEX BUS BUFFER
More results

Description similaire - TC74HC368AFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
   HEX BUS BUFFER
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
   HEX Bus Buffer
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_12 Datasheet
227Kb / 10P
   Hex Bus Buffer
TC74HC365AF TOSHIBA-TC74HC365AF Datasheet
255Kb / 6P
   HEX BUS BUFFER
TC74VHC367F TOSHIBA-TC74VHC367F_07 Datasheet
268Kb / 11P
   Hex Bus Buffer
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com