Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC221AP Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TC74HC221AP
Description  Dual Monostable Multivibrator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC221AP Fiches technique(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74HC221AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 9Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 10Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 11Page - Toshiba Semiconductor TC74HC221AP Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TC74HC221AP/AF/AFN
2007-10-01
8
AC Characteristics (CL = 50 pF, input: tr = tf = 6 ns)
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
Output transition time
tTLH
tTHL
2.0
4.5
6.0
30
8
7
75
15
13
95
19
16
ns
Propagation delay
time
( A, B-Q,
Q )
tpLH
tpHL
2.0
4.5
6.0
102
30
24
210
42
36
265
53
45
ns
Propagation delay
time
( CLR TRIGGER-Q,
Q)
tpLH
tpHL
2.0
4.5
6.0
102
30
24
235
47
40
295
59
50
ns
Propagation delay
time
(
CLR -Q, Q )
tpLH
tpHL
2.0
4.5
6.0
67
20
16
160
32
27
200
40
34
ns
Cx
= 28 pF
Rx
= 6 kΩ (VCC = 2 V)
Rx
= 2 kΩ (VCC = 4.5 V, 6 V)
2.0
4.5
6.0
700
250
210
2000
400
340
2500
500
425
ns
Cx
= 0.01 μF
Rx
= 10 kΩ
2.0
4.5
6.0
90
95
95
110
105
105
130
115
115
90
95
95
130
115
115
μs
Output pulse width
twOUT
Cx
= 0.1 μF
Rx
= 10 kΩ
2.0
4.5
6.0
0.9
0.9
0.9
1.0
1.0
1.0
1.2
1.1
1.1
0.9
0.9
0.9
1.2
1.1
1.1
ms
Output pulse width
error between circuits
(in same package)
ΔtwOUT
±1
%
Input capacitance
CIN
5
10
10
pF
Power dissipation
capacitance
CPD
(Note)
174
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC’・duty/100 + ICC/2 (per circuit)
(ICC’: active supply current)
(duty: %)


Numéro de pièce similaire - TC74HC221AP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP Datasheet
468Kb / 11P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Description similaire - TC74HC221AP

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com