Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1203 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SA1203
Description  Audio Frequency Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1203 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SA1203_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1203_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1203_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1203_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA1203
2006-11-09
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −30 V, IE = 0
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −10 mA, IB = 0
−30
V
Emitter-base breakdown voltage
V (BR) EBO
IE = −1 mA, IC = 0
−5
V
DC current gain
hFE
(Note 3)
VCE = −2 V, IC = −500 mA
100
320
Collector-emitter saturation voltage
VCE (sat)
IC = −1.5 A, IB = −0.03 A
−2.0
V
Base-emitter voltage
VBE
VCE = −2 V, IC = −500 mA
−1.0
V
Transition frequency
fT
VCE = −2 V, IC = −500 mA
120
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
50
pF
Note 3: hFE classification O: 100 to 200, Y: 160 to 320
Marking
H
Part No. (or abbreviation code)
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics indicator


Numéro de pièce similaire - 2SA1203_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SA1203 TOSHIBA-2SA1203_09 Datasheet
140Kb / 4P
   Audio Frequency Amplifier Applications
More results

Description similaire - 2SA1203_07

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC3423-Y TOSHIBA-2SC3423-Y Datasheet
127Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com