Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC163AF Fiches technique(PDF) 6 Page - Toshiba Semiconductor

No de pièce TC74HC163AF
Description  Binary, Synchronous Clear
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC163AF Fiches technique(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74HC163AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 7Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 8Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 9Page - Toshiba Semiconductor TC74HC163AF Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TC74HC161,163AP/AF/AFN
2007-10-01
6
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
4.0
40.0
μA


Numéro de pièce similaire - TC74HC163AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC163AF TOSHIBA-TC74HC163AF Datasheet
431Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC163AFN TOSHIBA-TC74HC163AFN Datasheet
431Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Description similaire - TC74HC163AF

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Hitachi Semiconductor
HD74LS163A HITACHI-HD74LS163A Datasheet
112Kb / 7P
   Synchronous 4-bit Binary Counters(synchronous clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Hitachi Semiconductor
HD74HC160 HITACHI-HD74HC160 Datasheet
90Kb / 16P
   Synchronous Decade,4-bit Binary,Counter(Direct Clear,Synchronous Clear)
logo
National Semiconductor ...
74LVX163 NSC-74LVX163 Datasheet
138Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Fairchild Semiconductor
74LVX163 FAIRCHILD-74LVX163 Datasheet
73Kb / 8P
   Low Voltage Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com