Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC4072AF Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC74HC4072AF
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input OR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4072AF Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC74HC4072AF Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4072AF Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4072AF Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4072AF Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4072AF Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4072AF Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4072AF Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC74HC4072AP/AF
2007-10-01
3
Electrical Characteristics
DC Characteristics
Test Condition
Ta
= 25°C
Ta
= −40 to
85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
4.5
6.0
1.50
3.15
4.20
1.50
3.15
4.20
V
Low-level input
voltage
VIL
2.0
4.5
6.0
0.50
1.35
1.80
0.50
1.35
1.80
V
IOH = −20 μA
2.0
4.5
6.0
1.9
4.4
5.9
2.0
4.5
6.0
1.9
4.4
5.9
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −5.2 mA
4.5
6.0
4.18
5.68
4.31
5.80
4.13
5.63
V
IOL = 20 μA
2.0
4.5
6.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIL
IOL = 4 mA
IOL = 5.2 mA
4.5
6.0
0.17
0.18
0.26
0.26
0.33
0.33
V
Input leakage
current
IIN
VIN = VCC or GND
6.0
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
6.0
1.0
10.0
μA
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
tpLH
tpHL
9
16
ns


Numéro de pièce similaire - TC74HC4072AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC4072AF TOSHIBA-TC74HC4072AF Datasheet
177Kb / 4P
   DUAL 4-INPUT OR GATE
More results

Description similaire - TC74HC4072AF

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WG32FC TOSHIBA-TC7WG32FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WG32FU TOSHIBA-TC7WG32FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FC TOSHIBA-TC7WH32FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
TC7WH32FU TOSHIBA-TC7WH32FU_07 Datasheet
208Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input OR Gate
logo
KEC(Korea Electronics)
KIC7WZ32FK KEC-KIC7WZ32FK Datasheet
393Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
KIC7S32FU KEC-KIC7S32FU Datasheet
260Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT OR GATE)
logo
Toshiba Semiconductor
TC74HC21AP TOSHIBA-TC74HC21AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input AND Gate
TC74HC20AP TOSHIBA-TC74HC20AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NAND Gate
TC74HC4002AP TOSHIBA-TC74HC4002AP_07 Datasheet
211Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NOR Gate
TC74HC4075AP TOSHIBA-TC74HC4075AP_07 Datasheet
221Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple 3-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com