Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC151AFN Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TC74HC151AFN
Description  8-Channel Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC151AFN Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TC74HC151AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC151AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74HC151AP/AF/AFN
2007-10-01
5
AC Characteristics (CL = 15 pF, VCC = 5 V, Ta = 25°C, input: tr = tf = 6 ns)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output transition time
tTLH
tTHL
4
8
ns
Propagation delay time
(D-Y)
tpLH
tpHL
15
24
ns
Propagation delay time
(D-W)
tpLH
tpHL
15
24
ns
Propagation delay time
( ST -Y)
tpLH
tpHL
10
17
ns
Propagation delay time
(
ST -W)
tpLH
tpHL
10
17
ns
Propagation delay time
(A, B, C-Y)
tpLH
tpHL
19
31
ns
Propagation delay time
(A, B, C-W)
tpLH
tpHL
19
31
ns


Numéro de pièce similaire - TC74HC151AFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
More results

Description similaire - TC74HC151AFN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F_12 Datasheet
267Kb / 8P
   8-Channel Multiplexer
logo
Maxwell Technologies
338RPFS MAXWELL-338RPFS Datasheet
431Kb / 14P
   8-CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74HC151AFN TOSHIBA-TC74HC151AFN Datasheet
292Kb / 7P
   8 - CHANNEL MULTIPLEXER
logo
STMicroelectronics
M74HC151 STMICROELECTRONICS-M74HC151_01 Datasheet
338Kb / 12P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74ACT151F TOSHIBA-TC74ACT151F_12 Datasheet
264Kb / 7P
   8-Channel Multiplexer
logo
STMicroelectronics
M54HC151 STMICROELECTRONICS-M54HC151 Datasheet
248Kb / 11P
   8 CHANNEL MULTIPLEXER
logo
Toshiba Semiconductor
TC74AC151F TOSHIBA-TC74AC151F Datasheet
272Kb / 6P
   8 CHANNEL MULTIPLEXER
TC74ACT151P TOSHIBA-TC74ACT151P Datasheet
265Kb / 6P
   8 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
MM74HC151 FAIRCHILD-MM74HC151 Datasheet
71Kb / 7P
   8-Channel Digital Multiplexer
74VHC4051MX FAIRCHILD-74VHC4051MX Datasheet
441Kb / 16P
   8-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com