Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC390AP Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74HC390AP
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC390AP Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74HC390AP_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74HC390AP_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74HC390AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC390AP,TC74HC390AF,TC74HC390AFN
Dual Decade Counter
The TC74HC390A is a high speed CMOS DUAL DECADE
COUNTER fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
It consists of two independent 4-bit counters, each composed of
a divide-by-two and a divide-by-five counter. The divide-by-two
counter is incremented on the negative going transition of clock A
( CKA ). The divided-by-five counter is incremented on the
negative going transition of clock B ( CKB ). The counter can be
cascaded to form decade, bi-quinary, or various combinations up
to a divide-by-100 counter. When the CLR input is set high, the
Q outputs are set to low independent of the clock inputs.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 84 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2~6 V
• Pin and function compatible with 74LS390
Pin Assignment
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC390AP
TC74HC390AF
TC74HC390AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Numéro de pièce similaire - TC74HC390AP_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC390AP TOSHIBA-TC74HC390AP Datasheet
325Kb / 9P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Description similaire - TC74HC390AP_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC390F TOSHIBA-TC74AC390F_07 Datasheet
401Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Decade Counter
TC74HC4017AP TOSHIBA-TC74HC4017AP_07 Datasheet
346Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Decade Counter/Divider
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4024AP TOSHIBA-TC74HC4024AP_07 Datasheet
269Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic 7-Stage Binary Counter
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com