Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP222A Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce TLP222A
Description  Measurement and Control Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP222A Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  TLP222A Datasheet HTML 1Page - Toshiba Semiconductor TLP222A Datasheet HTML 2Page - Toshiba Semiconductor TLP222A Datasheet HTML 3Page - Toshiba Semiconductor TLP222A Datasheet HTML 4Page - Toshiba Semiconductor TLP222A Datasheet HTML 5Page - Toshiba Semiconductor TLP222A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP222A,TLP222A-2
2007-10-01
4
Ambient temperature Ta (°C)
IF – Ta
Ambient temperature Ta (°C)
ION – Ta
Forward voltage VF (V)
IF – VF
ION – VON
Ambient temperature Ta (°C)
RON – Ta
Ambient temperature Ta (°C)
IFT – Ta
On-state voltage VON (V)
0
−20
60
20
40
80
100
120
100
80
60
40
20
0
0
−20
120
100
80
60
40
20
0
600
500
400
300
200
100
Ta
= 25°C
0.6
0.8
1
1.2
1.6
1.8
1.4
100
30
10
3
1
0.3
0.1
ION = 500 mA
IF = 5 mA
3
0
−20
0
20
40
80
100
60
1
2
4
5
ION = 500 mA
t
< 1 s
3
0
−20
0
20
40
80
100
60
1
2
4
5
Ta
= 25°C
IF = 5 mA
−0.6
−0.4
−0.2
0
0.4
0.6
0.2
−600
−400
−200
0
200
400
600


Numéro de pièce similaire - TLP222A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP222A TOSHIBA-TLP222A Datasheet
137Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP222A TOSHIBA-TLP222A Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
137Kb / 6P
   TOSHIBA Photocoupler Photorelay
TLP222A-2 TOSHIBA-TLP222A-2 Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
More results

Description similaire - TLP222A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP592A TOSHIBA-TLP592A_07 Datasheet
182Kb / 6P
   Measurement and Control Equipment
TLP192A TOSHIBA-TLP192A_07 Datasheet
183Kb / 7P
   Measurement and Control Equipment
TLP202A TOSHIBA-TLP202A_07 Datasheet
160Kb / 4P
   Measurement and Control Equipment
TLP222AF TOSHIBA-TLP222AF Datasheet
181Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP592A TOSHIBA-TLP592A Datasheet
174Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
TLP202A TOSHIBA-TLP202A_14 Datasheet
234Kb / 6P
   Telecommunications Measurement and Control Equipment Data Acquisition System Measurement Equipment
CMZB390 TOSHIBA-CMZB390 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB68 TOSHIBA-CMZB68 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
CMZB82 TOSHIBA-CMZB82 Datasheet
168Kb / 5P
   Communication, Control and Measurement Equipment Constant Voltage Regulation
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com