Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74HC123AP Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TC74HC123AP
Description  Dual Retriggerable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC123AP Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TC74HC123AP Datasheet HTML 1Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 2Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 3Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 4Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 5Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 6Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 7Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 8Page - Toshiba Semiconductor TC74HC123AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TC74HC123AP/AF/AFN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC123AP,TC74HC123AF,TC74HC123AFN
Dual Retriggerable Monostable Multivibrator
The TC74HC123A is a high speed CMOS MONOSTABLE
MULTIVIBRATOR fabricated with silicon gate C2MOS
technology.
It achieves the high speed operation similar to equivalent
LSTTL while maintaining the CMOS low power dissipation.
There are two trigger inputs,
A input (negative edge), and B
input (positive edge). These inputs are valid for a slow rise/fall
time signal (tr = tf = 1 s) as they are schmitt trigger inputs. This
device may also be triggered by using CLR input (positive
edge).
After triggering, the output stays in a MONOSTABLE state for
a time period determined by the external resistor and capacitor
(Rx, Cx ). A low level at the CLR input breaks this state. In the
MONOSTABLE state, if a new trigger is applied, it extends the
MONOSTABLE period (retrigger mode).
Limits for Cx and Rx are:
External capacitor, Cx: No limit
External resistor, Rx: VCC = 2.0 V more than 5 kΩ
VCC ≥ 3.0 V more than 1 kΩ
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features (Note)
• High speed: tpd = 25 ns (typ.) at VCC = 5 V
• Low power dissipation
Standby state: ICC = 4 μA (max) at Ta = 25°C
Active state: ICC = 700 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Output drive capability: 10 LSTTL loads
• Symmetrical output impedance: |IOH| = IOL = 4 mA (min)
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 6 V
• Pin and function compatible with 74LS123
Note:
In the case of using only one circuit, CLR should be tied to GND, Rx/Cx・Cx・Q・ Q should be tied to OPEN,
the other inputs should be tied to VCC or GND.
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC123AP
TC74HC123AF
TC74HC123AFN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Numéro de pièce similaire - TC74HC123AP

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP Datasheet
488Kb / 11P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC123AP TOSHIBA-TC74HC123AP Datasheet
329Kb / 13P
   Dual Retriggerable Monostable Multivibrator
More results

Description similaire - TC74HC123AP

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com