Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74AC367P Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC74AC367P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Hex Bus Buffer (3-state)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC367P Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC74AC367P Datasheet HTML 1Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 2Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 3Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 4Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC367P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC367P/F/FN/FT
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA (Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
3-state output
off-state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
5.5
±0.5
±5.0
μA
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
8.0
80.0
μA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


Numéro de pièce similaire - TC74AC367P

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC367P TOSHIBA-TC74AC367P Datasheet
261Kb / 6P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Description similaire - TC74AC367P

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
logo
Toshiba Semiconductor
TC7WG125FC TOSHIBA-TC7WG125FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FC TOSHIBA-TC7WG126FC Datasheet
195Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG125FU TOSHIBA-TC7WG125FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
TC7WG126FU TOSHIBA-TC7WG126FU Datasheet
215Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Buffer with 3-STATE Output
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com