Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLP2601 Fiches technique(PDF) 8 Page - Toshiba Semiconductor

No de pièce TLP2601
Description  Simplex / Multiplex Data Transmission
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP2601 Fiches technique(HTML) 8 Page - Toshiba Semiconductor

  TLP2601 Datasheet HTML 1Page - Toshiba Semiconductor TLP2601 Datasheet HTML 2Page - Toshiba Semiconductor TLP2601 Datasheet HTML 3Page - Toshiba Semiconductor TLP2601 Datasheet HTML 4Page - Toshiba Semiconductor TLP2601 Datasheet HTML 5Page - Toshiba Semiconductor TLP2601 Datasheet HTML 6Page - Toshiba Semiconductor TLP2601 Datasheet HTML 7Page - Toshiba Semiconductor TLP2601 Datasheet HTML 8Page - Toshiba Semiconductor TLP2601 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLP2601
2007-10-01
8
Notes
1.
The VCC supply voltage to each TLP2601 isolator must be bypassed by a 0.1μF capacitor of larger.This can be
either a ceramic or solid tantalum capacitor with good high frequency characteristic and should be connected
as close as possible to the package VCC and GND pins of each device.
2.
tpHL
Propagation delay is measured from the 3.75mA level on the low to high transition of the input
current pulse to the 1.5V level on the high to low transition of the output voltage pulse.
3.
tpLH
Propagation delay is measured from the 3.75mA level on the high to low transition of the input
current pulse to the 1.5V level on the low to high transition of the output voltage pulse.
4.
tf
Fall time is measured from the 10% to the 90% levels of the high to low transition on the output
pulse.
5.
tr
Rise time is measured from the 90% to 10% levels of the low to high transition on the output
pulse.
6.
tEHL
Enable input propagation delay is measured from the 1.5V level on the low to high transition of
the input voltage pulse to the 1.5V level on the high to low transition of the output voltage pulse.
7.
tELH
Enable input propagation delay is measured from the 1.5V level on the high to low transition of
the input voltage pulse to the 1.5V level on the low to high transition of the output voltage pulse.
8.
CML
The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain
in the low output state (i.e., VOUT < 0.8V).
Measured in volts per microsecond (V / μs).
9.
CMH
The maximum tolerable rate of fall of the common mode voltage to ensure the output will remain
in the high state (i.e., VOUT > 2.0V).
Measured in volts per microsecond(V / μs).
Volts/microsecond can be translated to sinusoidal voltages:
V / μs =
Max.
dt
)
CM
(dv
= fCM VCM (p.p.)
Example:
VCM = 318Vpp when fCM = 1MHz using CML and CMH = 1000V / μs data sheet specified
minimum.
10.
Device considered a two
−terminal device: Pins 1, 2, 3 and 4 shorted together, and Pins 5, 6, 7 and
8 shorted together.
11. Enable ・ No pull up resistor required as the device has an internal pull up resistor.
input


Numéro de pièce similaire - TLP2601

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP2601 TOSHIBA-TLP2601 Datasheet
217Kb / 9P
   TOSHIBA Photocoupler GaALAs Ired & Photo-IC
More results

Description similaire - TLP2601

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLP554 TOSHIBA-TLP554_07 Datasheet
370Kb / 8P
   SIMPLEX/MULTIPLEX DATA TRANSMISSION
TLP113TPRF TOSHIBA-TLP113TPRF Datasheet
204Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission
TLP2403 TOSHIBA-TLP2403 Datasheet
233Kb / 12P
   High-Speed Digital Interfacing for Instrumentation and Control Devices Simplex/Multiplex Data Transmission
logo
M-System Co.,Ltd.
CND MSYSTEM-CND Datasheet
302Kb / 7P
   Multiplex Transmission System
22LA1 MSYSTEM-22LA1 Datasheet
436Kb / 22P
   Multiplex Transmission System
DAL4 MSYSTEM-DAL4 Datasheet
153Kb / 6P
   Multiplex Transmission System
DLA1 MSYSTEM-DLA1 Datasheet
577Kb / 33P
   Multiplex Transmission System
logo
Toshiba Semiconductor
TLP2631 TOSHIBA-TLP2631 Datasheet
374Kb / 8P
   ISOLATED LINE RECEIVER SIMPLEX/MULTIPLEX DATA TRANSMISSON
TLP113 TOSHIBA-TLP113 Datasheet
218Kb / 8P
   Isolated Line Receiver Simplex / Multiplex Data Transmission Computer.Peripheral Interface Microprocessor System Interface Digital Isolation For A / D
logo
List of Unclassifed Man...
AB46 ETC2-AB46 Datasheet
125Kb / 6P
   Transmission Engineering Data
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com