Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC74AC04F Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC74AC04F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC04F Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC74AC04F Datasheet HTML 1Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 2Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 3Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 4Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 5Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 6Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 7Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 8Page - Toshiba Semiconductor TC74AC04F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC04P/F/FN/FT
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
2.0
3.0
5.5
1.50
2.10
3.85
1.50
2.10
3.85
V
Low-level input
voltage
VIL
2.0
3.0
5.5
0.50
0.90
1.65
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
High-level output
voltage
VOH
VIN
= VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA (Note)
3.0
4.5
5.5
2.58
3.94
2.48
3.80
3.85
V
IOL = 50 μA
2.0
3.0
4.5
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
0.36
0.36
0.44
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
±0.1
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
4.0
40.0
μA
Note:
This spec indicates the capability of driving 50
Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.


Numéro de pièce similaire - TC74AC04F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74AC04F TOSHIBA-TC74AC04F Datasheet
240Kb / 6P
   HEX INVERTER
TC74AC04FN TOSHIBA-TC74AC04FN Datasheet
240Kb / 6P
   HEX INVERTER
TC74AC04FT TOSHIBA-TC74AC04FT Datasheet
240Kb / 6P
   HEX INVERTER
TC74AC04FT TOSHIBA-TC74AC04FT_12 Datasheet
217Kb / 8P
   Hex Inverter
TC74AC04F TOSHIBA-TC74AC04F_12 Datasheet
217Kb / 8P
   Hex Inverter
More results

Description similaire - TC74AC04F

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC04AP TOSHIBA-TC74HC04AP_07 Datasheet
255Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC14F TOSHIBA-TC74AC14F_07 Datasheet
264Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74ACT14F TOSHIBA-TC74ACT14F_07 Datasheet
262Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74HC14AP TOSHIBA-TC74HC14AP_07 Datasheet
268Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Schmitt Inverter
TC74AC05P TOSHIBA-TC74AC05P_07 Datasheet
260Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
TC74HC05AP TOSHIBA-TC74HC05AP_07 Datasheet
225Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter (open drain)
logo
KEC(Korea Electronics)
KIC7SH04FU KEC-KIC7SH04FU Datasheet
251Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SU04FU KEC-KIC7SU04FU Datasheet
261Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7S04FU KEC-KIC7S04FU Datasheet
259Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
KIC7SZ04FU KEC-KIC7SZ04FU Datasheet
203Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(INVERTER)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com