Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC9WMB2AFU Fiches technique(PDF) 11 Page - Toshiba Semiconductor

No de pièce TC9WMB2AFU
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB2AFU Fiches technique(HTML) 11 Page - Toshiba Semiconductor

Back Button TC9WMB2AFU Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 9Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 10Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 11Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 12Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 13Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 14Page - Toshiba Semiconductor TC9WMB2AFU Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
11
Absolute Maximum Ratings (Note) (GND = 0 V)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.3 to 7.0
V
Input voltage
VIN
−0.3 to VCC + 0.3
V
Output voltage
VOUT
−0.3 to VCC + 0.3
V
300 (25°C,SM8)
Power dissipation
PD
200 (25°C,US8)
mW
Storage temperature
Tstg
−55 to 125
°C
Operating temperature
Topr
−40 to 85
°C
Note: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges (Note) (GND = 0 V, Topr = −40 to 85°C)
Characteristics
Symbol
Test Condition
Min
Max
Unit
Supply voltage (for reading)
VCC
1.8
3.6
V
Supply voltage (for writing)
VCC
2.3
3.6
V
2.3 V
≤ VCC ≤ 3.6 V
0.7
×
VCC
VCC
High-level input voltage
VIH
1.8 V
≤ VCC < 2.3 V
0.8
×
VCC
VCC
V
2.3 V
≤ VCC ≤ 3.6 V
0
0.3
×
VCC
Low-level input voltage
VIL
1.8 V
≤ VCC < 2.3 V
0
0.2
×
VCC
V
2.3 V
≤ VCC ≤ 3.6 V
0
400
Operating frequency
fSCL
1.8 V
≤ VCC < 2.3 V
0
100
kHz
Note: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.


Numéro de pièce similaire - TC9WMB2AFU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC9WMB2FK TOSHIBA-TC9WMB2FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
More results

Description similaire - TC9WMB2AFU

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com