Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC7WZ245FK Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce TC7WZ245FK
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ245FK Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  TC7WZ245FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ245FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TC7WZ245FU/FK
2007-11-01
3
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.65~1.95
VCC
× 0.75
VCC
× 0.75
High-Level
Input Voltage
VIH
2.3~5.5
VCC
× 0.7
VCC
× 0.7
1.65~1.95
VCC
× 0.25
VCC
× 0.25
Low-Level
Input Voltage
VIL
2.3~5.5
VCC
× 0.3
VCC
× 0.3
V
1.65
1.55
1.65
1.55
2.3
2.2
2.3
2.2
3.0
2.9
3.0
2.9
IOH = -100 μA
4.5
4.4
4.5
4.4
IOH = −4 mA
1.65
1.29
1.52
1.29
IOH = −8 mA
2.3
1.9
2.14
1.9
IOH = −16 mA
3.0
2.4
2.75
2.4
IOH = −24 mA
3.0
2.3
2.62
2.3
High-level output voltage
VOH
VIN = VIH
or VIL
IOH = −32 mA
4.5
3.8
4.13
3.8
1.65
0
0.1
0.1
2.3
0
0.1
0.1
3.0
0
0.1
0.1
IOH = 100 μA
4.5
0
0.1
0.1
IOH = 4 mA
1.65
0.08
0.24
0.24
IOH = 8 mA
2.3
0.1
0.3
0.3
IOH = 16 mA
3.0
0.16
0.4
0.4
IOH = 24 mA
3.0
0.24
0.55
0.55
Low-level output voltage
VOL
VIN = VIH
or VIL
IOH = 32 mA
4.5
0.25
0.55
0.55
V
Input leakage current
IIN
VIN = 5.5 V or GND
0~5.5
±1
±10
μA
3-State Output
Off-State Current
IOZ
VIN=VIH or VIL
VOUT=VCC or GND
1.65~
5.5
±0.5
±5
μA
Power off leakage current
IOFF
VIN or VOUT = 5.5 V
0.0
1
10
μA
Quiescent supply current
ICC
VIN = 5.5 V or GND
1.65~5.5
1
10
μA


Numéro de pièce similaire - TC7WZ245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WZ246FK TOSHIBA-TC7WZ246FK Datasheet
178Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver Buffer And Buffer (Open Drain Outputs)
TC7WZ246FU TOSHIBA-TC7WZ246FU Datasheet
178Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver Buffer And Buffer (Open Drain Outputs)
More results

Description similaire - TC7WZ245FK

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC7WH245FU TOSHIBA-TC7WH245FU_01 Datasheet
260Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS TRANSCEIVER
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
logo
KEC(Korea Electronics)
KIC7W125FK KEC-KIC7W125FK Datasheet
295Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com