Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFY9130C Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFY9130C
Description  POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFY9130C Fiches technique(HTML) 1 Page - International Rectifier

  IRFY9130C Datasheet HTML 1Page - International Rectifier IRFY9130C Datasheet HTML 2Page - International Rectifier IRFY9130C Datasheet HTML 3Page - International Rectifier IRFY9130C Datasheet HTML 4Page - International Rectifier IRFY9130C Datasheet HTML 5Page - International Rectifier IRFY9130C Datasheet HTML 6Page - International Rectifier IRFY9130C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -10V, TC = 25°C
Continuous Drain Current
-11.2
ID @ VGS = -10V, TC = 100°C
Continuous Drain Current
-7.1
IDM
Pulsed Drain Current ➀
-44
PD @ TC = 25°C
Max. Power Dissipation
75
W
Linear Derating Factor
0.6
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
400
mJ
IAR
Avalanche Current ➀
-11.2
A
EAR
Repetitive Avalanche Energy ➀
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-5.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300(0.063in./1.6mm from case for 10 sec)
Weight
4.3 (Typical)
g
PD - 91293B
HEXFET® MOSFET technology is the key to International
Rectifier’s advanced line of power MOSFET transistors. The
efficient geometry design achieves very low on-state re-
sistance combined with high transconductance.
HEXFET
transistors also feature all of the well-established advan-
tages of MOSFETs, such as voltage control, very fast switch-
ing, ease of paralleling and electrical parameter temperature
stability. They are well-suited for applications such as switch-
ing power supplies, motor controls, inverters, choppers,
audio amplifiers, high energy pulse circuits, and virtually
any application where high reliability is required.
The
HEXFET transistor’s totally isolated package eliminates the
need for additional isolating material between the device
and the heatsink. This improves thermal efficiency and
reduces drain capacitance.
oC
A
POWER MOSFET
THRU-HOLE (TO-257AA)
4/18/01
www.irf.com
1
100V, P-CHANNEL
HEXFET
®
MOSFET TECHNOLOGY
TO-257AA
Product Summary
Part Number
RDS(on)
ID
Eyelets
IRFY9130C
0.3
-11.2A
Ceramic
IRFY9130CM
0.3
-11.2A
Ceramic
Features:
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Electrically Isolated
n Ceramic Eyelets
n Ideally Suited For Space Level
Applications
For footnotes refer to the last page
IRFY9130C,IRFY9130CM


Numéro de pièce similaire - IRFY9130C

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
IRFY9130C SEME-LAB-IRFY9130C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY9130C IRF-IRFY9130C Datasheet
834Kb / 7P
   Simple Drive Requirements
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9130C IRF-IRFY9130C_15 Datasheet
834Kb / 7P
   Simple Drive Requirements
More results

Description similaire - IRFY9130C

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7Y1405CM IRF-IRF7Y1405CM Datasheet
100Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (TO-257AA)
IRF7YSZ44VCM IRF-IRF7YSZ44VCM Datasheet
117Kb / 7P
   HEXFET짰 POWER MOSFET THRU-HOLE (Low-ohmic TO-257AA
IRFY440M IRF-IRFY440M Datasheet
135Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY240C IRF-IRFY240C Datasheet
219Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY130C IRF-IRFY130C Datasheet
167Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
IRFY140C IRF-IRFY140C Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY340C IRF-IRFY340C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY430C IRF-IRFY430C Datasheet
172Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
IRFY9140C IRF-IRFY9140C Datasheet
257Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com