Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM74LS163A Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce DM74LS163A
Description  Synchronous 4-Bit Binary Counters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS163A Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button DM74LS163A Datasheet HTML 3Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 4Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 5Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 6Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 7Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 8Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 9Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 10Page - Fairchild Semiconductor DM74LS163A Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Parameter Measurement Information
Switching Time Waveforms
DS006397-3
Note 15: The input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%,ZOUT 50Ω,tr ≤ 10 ns, tf ≤ 10 ns. Vary
PRR to measure fMAX.
Note 16: Outputs QD and carry are tested at tn+16 where tn is the bit time when all outputs are low.
Note 17: VREF = 1.5V.
Switching Time Waveforms
DS006397-4
Note 18: The input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, duty cycle ≤ 50%,ZOUT 50Ω,tr ≤ 6 ns, tf ≤ 6 ns. Vary
PRR to measure fMAX.
Note 19: Enable P and enable T setup times are measured at tn+0.
Note 20: VREF = 1.3V.
7
www.fairchildsemi.com


Numéro de pièce similaire - DM74LS163A

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DM74LS163A NSC-DM74LS163A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
DM74LS163AE NSC-DM74LS163AE Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
DM74LS163AJ NSC-DM74LS163AJ Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
DM74LS163AM NSC-DM74LS163AM Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Fairchild Semiconductor
DM74LS163AM FAIRCHILD-DM74LS163AM Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
More results

Description similaire - DM74LS163A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
640Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com