Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


S-AV32A Datasheet(Fiches technique) 2 Page - Toshiba Semiconductor

Numéro de pièce S-AV32A
Description  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 2 page
background image
S-AV32A
2007-06-21
2
PACKAGE OUTLINE
ELECTRICAL CHARACTERISTICS (Tc = 25°C, ZG = 50Ω)
CHARACTERISTICS
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Frequency Range
frange
134
174
MHz
Output Power
Po
60
W
Power Gain
Gp
30.7
dB
Total Efficiency
ηT
45
%
Input VSWR
VSWRin
3.0
Second Harmonic
2nd HRM
VDD = 12.5 V
VGG = 5 V
Pi = 50 mW
ZL = 50 Ω
-30
dB
Third Harmonic
3rd HRM
-30
dB
Ruggedness
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 60 W)
Pi = 50 mW
Po = 60 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 20: 1 ALL PHASE (@ 2 s)
No Damage
Stability
10.5 V
≤ VDD ≤ 16.5 V, 0 V ≤ VGG ≤ VGGajs
(VGG = VGGajs @ Po = 60 W)
Pi = 50 mW
Po ≤ 60 W (Adjusted via VGG @ ZL = 50Ω)
VSWR LOAD 3: 1 ALL PHASE
No spurious output
of -60 dB or greater
Note 5:The output power is intended to follow the rating provided in Figure 1 in Note 2.
Note 6: Stability
Measurements are performed under the conditions where VSWR is at 3:1 through all phases over the whole frequency
range, and they are guaranteed only under those conditions. Even though it is guaranteed to be stable where VSWR is
at 3:1, the VSWR load over the operating frequency should be designed to be 50 Ω .At the same time, ensure that the
VSWR load does not deviate much from 50Ω even for a moment, nor deviate even a little from 50Ω continually. The
S-AU82AL is not intended for such operations, and proper operation under such conditions is not guaranteed due to the
possibilities of heat generation in the module and its applications.
RF Input
VGG
VDD
RF Output
GROUND(Flange)
JEDEC
JEITA
TOSHIBA
5-53P
Weight: 35 g
Unit: mm




Html Pages

1  2  3  4  5 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
S-AU82AHRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
S-AU82ALRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
S-AU82AVLRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
S-AU93ARF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
S-AU83ALRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
S-AU83AHRF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS 1 2 3 4 5 Toshiba Semiconductor
RM914Power Amplifier Module for AMPS Applications 824-849 MHz 1 2 3 4 5 MoreSkyworks Solutions Inc.
RM009Power Amplifier Module for Dual-band GSM900 DCS1800 1 2 3 4 5 MoreSkyworks Solutions Inc.
LA4460N12W AF Power Amplifier for Car Radio Car Stereo 1 2 3 4 5 MoreSanyo Semicon Device
NTE1288Integrated Circuit Audio Power Amplifier 10W for Car Radio 1 2 NTE Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl