Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S-AU82AL Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce S-AU82AL
Description  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AU82AL Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  S-AU82AL Datasheet HTML 1Page - Toshiba Semiconductor S-AU82AL Datasheet HTML 2Page - Toshiba Semiconductor S-AU82AL Datasheet HTML 3Page - Toshiba Semiconductor S-AU82AL Datasheet HTML 4Page - Toshiba Semiconductor S-AU82AL Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
S-AU82AL
2007-06-21
5
MARKING
Product Number (without A)
This dot indicates that the actual product name is “S-AU82AL.”
Alphanumeric characters: Date of manufacture
Dot: Indicates that this product is manufactured by “TOSHIBA
COMPONENTS.”
Explanation of Lot No.
Month of manufacture: January to December are denoted by letters A to L respectively.
Year of manufacture: Last decimal digit of the year of manufacture
RESTRICTIONS ON PRODUCT USE
20070701-EN
• The information contained herein is subject to change without notice.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his
document shall be made at the customer’s own risk.
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patents or other rights of
TOSHIBA or the third parties.
• Please contact your sales representative for product-by-product details in this document regarding RoHS
compatibility. Please use these products in this document in compliance with all applicable laws and regulations
that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses
occurring as a result of noncompliance with applicable laws and regulations.
S-AU82L
JAPAN
TOSHIBA


Numéro de pièce similaire - S-AU82AL

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
S-AU82AH TOSHIBA-S-AU82AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
More results

Description similaire - S-AU82AL

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
S-AU93A TOSHIBA-S-AU93A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AH TOSHIBA-S-AU82AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AH TOSHIBA-S-AU83AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV37A TOSHIBA-S-AV37A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com