Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3407 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce 2SK3407
Description  Silicon N Channel MOS Type Switching Regulator Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3407 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  2SK3407_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3407_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3407_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3407_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3407_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3407_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3407
2006-11-06
5
Channel temperature (initial) Tch (°C)
Pulse width tw (S)
Drain-source voltage VDS (V)
Safe operating area
rth – tw
−15 V
15 V
Test circuit
Wave form
IAR
BVDSS
VDD
VDS
RG = 25 Ω
VDD = 90 V, L = 3.7 mH
=
VDD
BVDSS
BVDSS
2
I
L
2
1
ΕAS
EAS – Tch
0.01
10
μ
0.1
1
10
100
μ
1 m
10 m
100 m
1
10
T
PDM
t
Duty
= t/T
Rth (ch-c) = 3.125°C/W
Duty
= 0.5
0.2
0.1
Single pulse
0.05
0.02
0.01
0.001
0.003
0.005
0.03
0.05
0.3
0.5
3
5
100
200
300
50
100
0
400
25
75
150
125
0.01
1
0.1
1
10
100
10
100
1000
* Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated
linearly with increase in
temperature.
ID max (pulse) *
ID max
(continuous)
DC operation
Tc
= 25°C
100
μs *
1 ms *
VDSS max


Numéro de pièce similaire - 2SK3407_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
logo
VBsemi Electronics Co.,...
2SK3407 VBSEMI-2SK3407 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
More results

Description similaire - 2SK3407_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3767 TOSHIBA-2SK3767 Datasheet
228Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3309 TOSHIBA-2SK3309_06 Datasheet
220Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3473 TOSHIBA-2SK3473_06 Datasheet
230Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3667 TOSHIBA-2SK3667_06 Datasheet
222Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3742 TOSHIBA-2SK3742 Datasheet
219Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3798 TOSHIBA-2SK3798_06 Datasheet
217Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3878 TOSHIBA-2SK3878 Datasheet
210Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3879 TOSHIBA-2SK3879 Datasheet
292Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
2SK3880 TOSHIBA-2SK3880_06 Datasheet
245Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com