Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3077 Fiches technique(PDF) 4 Page - Toshiba Semiconductor

No de pièce 2SK3077
Description  SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3077 Fiches technique(HTML) 4 Page - Toshiba Semiconductor

  2SK3077_07 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3077_07 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3077_07 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3077_07 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2SK3077
2007-2-19
4
• The information contained herein is subject to change without notice.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of
TOSHIBA or others.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc..
• The TOSHIBA products listed in this document are intended for high frequency Power Amplifier of
telecommunications equipment.These TOSHIBA products are neither intended nor warranted for any other
use.Do not use these TOSHIBA products listed in this document except for high frequency Power Amplifier of
telecommunications equipment.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this
document shall be made at the customer’s own risk.
• TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced
and sold, under any law and regulations.
030619EAA
RESTRICTIONS ON PRODUCT USE


Numéro de pièce similaire - 2SK3077_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3077A TOSHIBA-2SK3077A Datasheet
113Kb / 5P
   VHF/UHF Band Amplifier Applications
More results

Description similaire - 2SK3077_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3078 TOSHIBA-2SK3078 Datasheet
172Kb / 3P
   900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
2SK3079A TOSHIBA-2SK3079A_07 Datasheet
148Kb / 5P
   Silicon N Channel MOS Type 470 MHz Band Amplifier Applications
2SK3077 TOSHIBA-2SK3077 Datasheet
111Kb / 4P
   900 MHz BAND AMPLIFIER APPLICATIONS
2SK3078A TOSHIBA-2SK3078A_07 Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
2SK2854 TOSHIBA-2SK2854 Datasheet
107Kb / 2P
   N CHANNEL MOS TYPE (UHF BAND AMPLIFIER APPLICATIONS)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN16080G9D3T WALSIN-RFBLN16080G9D3T Datasheet
633Kb / 7P
   900 MHz GSM Band RF Application
logo
Toshiba Semiconductor
2SK3656 TOSHIBA-2SK3656 Datasheet
157Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3756 TOSHIBA-2SK3756 Datasheet
155Kb / 5P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3475 TOSHIBA-2SK3475_07 Datasheet
157Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
2SK3476 TOSHIBA-2SK3476_07 Datasheet
166Kb / 4P
   Silicon N Channel MOS Type VHF- and UHF-band Amplifier Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com