Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2998 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK2998
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2998 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK2998 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2998 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2998 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2998 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2998 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2998 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2998
2006-11-06
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate−source breakdown voltage
V (BR) GSS
ID = ±10 mA, VGS = 0 V
±30
V
Drain cut−off current
IDSS
VDS = 500 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
500
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 0.25 A
11.5
18
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 0.25 A
0.2
0.4
S
Input capacitance
Ciss
75
Reverse transfer capacitance
Crss
7
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
25
pF
Rise time
tr
11
Turn−on time
ton
18
Fall time
tf
54
Switching time
Turn−off time
toff
95
ns
Total gate charge (gate−source
plus gate−drain)
Qg
3.8
Gate−source charge
Qgs
1.9
Gate−drain (“miller”) charge
Qgd
VDD ≈ 400 V, VGS = 10 V, ID = 0.5 A
1.9
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
0.5
A
Pulse drain reverse current
(Note 1)
IDRP
1.5
A
Forward voltage (diode)
VDSF
IDR = 0.5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
190
ns
Reverse recovery charge
Qrr
IDR = 0.5 A, VGS = 0 V
dIDR / dt = 100 A / μs
380
nC
Marking
K2998
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


Numéro de pièce similaire - 2SK2998

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2998 TOSHIBA-2SK2998 Datasheet
253Kb / 5P
   N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER APPLICATIONS)
2SK2998 TOSHIBA-2SK2998 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
2SK2998 TOSHIBA-2SK2998 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK2998 TOSHIBA-2SK2998_10 Datasheet
382Kb / 6P
   Chopper Regulator, DC−DC Converter Applications
More results

Description similaire - 2SK2998

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2493 TOSHIBA-2SK2493_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications
2SK3670 TOSHIBA-2SK3670 Datasheet
178Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications
2SK3314 TOSHIBA-2SK3314_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com