Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2914 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce 2SK2914
Description  Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Moter Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK2914 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  2SK2914_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK2914_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK2914_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK2914_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK2914_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK2914_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK2914
2006-11-21
5
RG = 25 Ω
VDD = 50 V, L = 3.3 mH
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2


Numéro de pièce similaire - 2SK2914_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2914 TOSHIBA-2SK2914_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC−DC Converter and Moter Drive Applications
More results

Description similaire - 2SK2914_06

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK2607 TOSHIBA-2SK2607_06 Datasheet
720Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Moter Drive Applications
2SK2607 TOSHIBA-2SK2607_09 Datasheet
426Kb / 6P
   Chopper Regulator, DC−DC Converter and Moter Drive Applications
2SK2914 TOSHIBA-2SK2914_09 Datasheet
410Kb / 6P
   Chopper Regulator, DC−DC Converter and Moter Drive Applications
2SK2551 TOSHIBA-2SK2551_06 Datasheet
666Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2838 TOSHIBA-2SK2838_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2598 TOSHIBA-2SK2598_06 Datasheet
737Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2679 TOSHIBA-2SK2679_06 Datasheet
700Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2699 TOSHIBA-2SK2699_06 Datasheet
716Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2750 TOSHIBA-2SK2750_06 Datasheet
656Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
2SK2883 TOSHIBA-2SK2883_06 Datasheet
752Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com