Moteur de recherche de fiches techniques de composants électroniques |
|
2SK2865 Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
2SK2865 Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 6 page 2SK2865 2006-11-08 1 TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (π−MOSV) 2SK2865 Chopper Regulator, DC/DC Converter and Motor Drive Applications Low drain−source ON-resistance : RDS (ON) = 4.2 Ω (typ.) High forward transfer admittance : |Yfs| = 1.7 S (typ.) Low leakage current : IDSS = 100 μA (max) (VDS = 600 V) Enhancement mode : Vth = 2.0~4.0 V (VDS = 10 V, ID = 1 mA) Absolute Maximum Ratings (Ta = 25°C) Characteristic Symbol Rating Unit Drain−source voltage VDSS 600 V Drain−gate voltage (RGS = 20 kΩ) VDGR 600 V Gate−source voltage VGSS ±30 V DC (Note 1) ID 2 A Pulse (t = 1 ms) (Note 1) IDP 5 A Drain current Pulse (t = 100 μs) (Note 1) IDP 8 A Drain power dissipation (Tc = 25°C) PD 20 W Single-pulse avalanche energy (Note 2) EAS 93 mJ Avalanche current IAR 2 A Repetitive avalanche energy (Note 3) EAR 2 mJ Channel temperature Tch 150 °C Storage temperature range Tstg −55~150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Thermal Characteristics Characteristic Symbol Max Unit Thermal resistance, channel to case Rth (ch−c) 6.25 °C / W Thermal resistance, channel to ambient Rth (ch−a) 125 °C / W Note 1: Ensure that the channel temperature does not exceed 150°C. Note 2: VDD = 90 V, Tch = 25°C (initial), L = 41 mH, RG = 25 Ω, IAR = 2 A Note 3: Repetitive rating: pulse width limited by maximum channel temperature This transistor is an electrostatic-sensitive device. Handle with care. Unit: mm JEDEC ― JEITA SC-64 TOSHIBA 2-7B1B Weight: 0.36 g (typ.) JEDEC ― JEITA SC-64 TOSHIBA 2-7J1B Weight: 0.36 g (typ.) |
Numéro de pièce similaire - 2SK2865 |
|
Description similaire - 2SK2865 |