Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK302 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK302
Description  Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK302 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK302 Datasheet HTML 1Page - Toshiba Semiconductor 2SK302 Datasheet HTML 2Page - Toshiba Semiconductor 2SK302 Datasheet HTML 3Page - Toshiba Semiconductor 2SK302 Datasheet HTML 4Page - Toshiba Semiconductor 2SK302 Datasheet HTML 5Page - Toshiba Semiconductor 2SK302 Datasheet HTML 6Page - Toshiba Semiconductor 2SK302 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK302
2007-11-01
2
L1: 1.0 mmφ silver plated copper wire 4.0 T, 8 mmφ ID TAP at 1.0 T from coil end
L2: 1.0 mmφ silver plated copper wire 3.0 T, 8 mmφ ID, 10 mm length
Marking
Figure 1 Gps, NF Test Circuit


Numéro de pièce similaire - 2SK302

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK302 TOSHIBA-2SK302 Datasheet
252Kb / 6P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK302 TOSHIBA-2SK302 Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
2SK302 TOSHIBA-2SK302 Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
logo
Panasonic Semiconductor
2SK3022 PANASONIC-2SK3022 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
More results

Description similaire - 2SK302

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
   Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK882 TOSHIBA-2SK882 Datasheet
199Kb / 4P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK1771 TOSHIBA-2SK1771_07 Datasheet
584Kb / 6P
   N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK1771 TOSHIBA-2SK1771 Datasheet
190Kb / 5P
   N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK302 TOSHIBA-2SK302 Datasheet
252Kb / 6P
   N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK195 TOSHIBA-3SK195 Datasheet
223Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER ,FM TUNER APPLICATIONS)
3SK226 TOSHIBA-3SK226 Datasheet
214Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER , FM TUNER APPLICATIONS)
3SK258 TOSHIBA-3SK258 Datasheet
215Kb / 4P
   N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER VHF RF AMPLIFIER APPLICATIONS)
2SK241 TOSHIBA-2SK241 Datasheet
262Kb / 5P
   N CHANNEL MOS TYPE (FM TUNER, VHF AND FR AMPLIFIER APPLICATIONS)
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
   FM Tuner, VHF RF Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com