Moteur de recherche de fiches techniques de composants électroniques |
|
2SC1627A Fiches technique(PDF) 1 Page - Toshiba Semiconductor |
|
2SC1627A Fiches technique(HTML) 1 Page - Toshiba Semiconductor |
1 / 4 page 2SC1627A 2006-11-09 1 TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) 2SC1627A Driver-Stage Amplifier Applications Voltage Amplifier Applications • Complementary to 2SA817A. • Driver-stage applications for 30- to 35-watt amplifiers. Absolute Maximum Ratings (Ta = 25°C) Characteristics Symbol Rating Unit Collector-base voltage VCBO 80 V Collector-emitter voltage VCEO 80 V Emitter-base voltage VEBO 5 V Collector current IC 400 mA Base current IB 40 mA Collector power dissipation PC 800 mW Junction temperature Tj 150 °C Storage temperature range Tstg −55 to 150 °C Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Unit: mm JEDEC TO-92MOD JEITA ― TOSHIBA 2-5J1A Weight: 0.36 g (typ.) |
Numéro de pièce similaire - 2SC1627A_06 |
|
Description similaire - 2SC1627A_06 |