Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2902 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LM2902
Description  Low Power Quad Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2902 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LM2902 Datasheet HTML 1Page - National Semiconductor (TI) LM2902 Datasheet HTML 2Page - National Semiconductor (TI) LM2902 Datasheet HTML 3Page - National Semiconductor (TI) LM2902 Datasheet HTML 4Page - National Semiconductor (TI) LM2902 Datasheet HTML 5Page - National Semiconductor (TI) LM2902 Datasheet HTML 6Page - National Semiconductor (TI) LM2902 Datasheet HTML 7Page - National Semiconductor (TI) LM2902 Datasheet HTML 8Page - National Semiconductor (TI) LM2902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings (Note 12)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM124/LM224/LM324
LM2902
LM124A/LM224A/LM324A
Supply Voltage, V
+
32V
26V
Differential Input Voltage
32V
26V
Input Voltage
−0.3V to +32V
−0.3V to +26V
Input Current
(V
IN < −0.3V) (Note 6)
50 mA
50 mA
Power Dissipation (Note 4)
Molded DIP
1130 mW
1130 mW
Cavity DIP
1260 mW
1260 mW
Small Outline Package
800 mW
800 mW
Output Short-Circuit to GND
(One Amplifier) (Note 5)
V
+
≤ 15V and T
A = 25˚C
Continuous
Continuous
Operating Temperature Range
−40˚C to +85˚C
LM324/LM324A
0˚C to +70˚C
LM224/LM224A
−25˚C to +85˚C
LM124/LM124A
−55˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 seconds)
260˚C
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount
devices.
ESD Tolerance (Note 13)
250V
250V
Electrical Characteristics
V
+ = +5.0V, (Note 7), unless otherwise stated
Parameter
Conditions
LM124A
LM224A
LM324A
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
(Note 8) TA = 25˚C
1
2
1
3
2
3
mV
Input Bias Current
IIN(+) or IIN(−),VCM = 0V,
20
50
40
80
45
100
nA
(Note 9)
TA = 25˚C
Input Offset Current
IIN(+) or IIN(−),VCM = 0V,
2
10
2
15
5
30
nA
TA = 25˚C
Input Common-Mode
V
+ = 30V, (LM2902, V+ = 26V),
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
Voltage Range (Note 10)
TA = 25˚C
Supply Current
Over Full Temperature Range
RL = On All Op Amps
mA
V
+ = 30V (LM2902 V+ = 26V)
1.5
3
1.5
3
1.5
3
V
+ = 5V
0.7
1.2
0.7
1.2
0.7
1.2
Large Signal
V
+ = 15V, R
L≥ 2kΩ,
50
100
50
100
25
100
V/mV
Voltage Gain
(VO = 1V to 11V), TA = 25˚C
Common-Mode
DC, VCM = 0VtoV
+ − 1.5V,
70
85
70
85
65
85
dB
Rejection Ratio
TA = 25˚C
www.national.com
3


Numéro de pièce similaire - LM2902

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LM2902 PHILIPS-LM2902 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Texas Instruments
LM2902 TI1-LM2902 Datasheet
1Mb / 40P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED MARCH 2015
LM2902 TI-LM2902 Datasheet
1Mb / 32P
[Old version datasheet]   LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
logo
Diodes Incorporated
LM2902 DIODES-LM2902 Datasheet
863Kb / 15P
   DUAL AND QUAD OPERATIONAL AMPLIFIERS
More results

Description similaire - LM2902

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com