Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9913BCPZ-REEL71 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD9913BCPZ-REEL71
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9913BCPZ-REEL71 Fiches technique(HTML) 5 Page - Analog Devices

  AD9913BCPZ-REEL71 Datasheet HTML 1Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 2Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 3Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 4Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 5Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 6Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 7Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 8Page - Analog Devices AD9913BCPZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD9913
Rev. 0 | Page 5 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Maximum Junction Temperature
150°C
AVDD, DVDD
2 V
Digital Output Current
5 mA
Storage Temperature
–65°C to +150°C
Operating Temperature
–40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
θJA
36.1°C/W
θJC
4.2°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
EQUIVALENT CIRCUITS
DIGITAL INPUTS
INPUT
DVDD_I/O
IOUT
IOUT
DAC OUTPUTS
AVDD
AVOID OVERDRIVING DIGITAL INPUTS.
FORWARD BIASING ESD DIODES MAY
COUPLE DIGITAL NOISE ONTO POWER
PINS.
MUST TERMINATE OUTPUTS TO AGND
FOR CURRENT FLOW. DO NOT EXCEED
THE OUTPUT VOLTAGE COMPLIANCE
RATING.
Figure 2. Equivalent Input and Output Circuits


Numéro de pièce similaire - AD9913BCPZ-REEL71

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9913BCPZ-REEL7 AD-AD9913BCPZ-REEL7 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results

Description similaire - AD9913BCPZ-REEL71

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9859 AD-AD9859_09 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859_15 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9859 AD-AD9859 Datasheet
484Kb / 24P
   400 MSPS, 10-Bit,1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9954 AD-AD9954_09 Datasheet
472Kb / 40P
   400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com