Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S3902 Fiches technique(PDF) 3 Page - Hamamatsu Corporation

No de pièce S3902
Description  NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3902 Fiches technique(HTML) 3 Page - Hamamatsu Corporation

  S3902 Datasheet HTML 1Page - Hamamatsu Corporation S3902 Datasheet HTML 2Page - Hamamatsu Corporation S3902 Datasheet HTML 3Page - Hamamatsu Corporation S3902 Datasheet HTML 4Page - Hamamatsu Corporation S3902 Datasheet HTML 5Page - Hamamatsu Corporation S3902 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NMOS linear image sensor
S3902/S3903 series
Figure 3 Dimensional outlines (unit: mm)
S3902-128Q, S3903-256Q
S3902-256Q, S3903-512Q
0.51
25.4
2.54
31.75
3.2 ± 0.3
ACTIVE AREA
6.4 × 0.5
0.25
10.16
PHOTOSENSITIVE
SURFACE
* Optical distance from the outer surface
of the quartz window to the chip surface
0.51
25.4
2.54
ACTIVE AREA
12.8 × 0.5
6.4 ± 0.3
31.75
0.25
10.16
PHOTOSENSITIVE
SURFACE
* Optical distance from the outer surface
of the quartz window to the chip surface
KMPDA0108EA
KMPDA0109EA
S3902-512Q, S3903-1024Q
0.51
25.4
40.6
12.8 ± 0.3
ACTIVE AREA
25.6 × 0.5
0.25
10.16
PHOTOSENSITIVE
SURFACE
* Optical distance from the outer surface
of the quartz window to the chip surface
2.54
KMPDA0110EA
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
END OF SCAN
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
2
1
st
Vss
Vscg
NC
Vscd
Vss
ACTIVE VIDEO
DUMMY VIDEO
Vsub
Vss, Vsub and NC should be grounded.
KMPDC0056EA
Figure 4 Pin connection


Numéro de pièce similaire - S3902

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
S3902 HAMAMATSU-S3902_15 Datasheet
161Kb / 6P
   NMOS linear image sensor
More results

Description similaire - S3902

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
S3901 HAMAMATSU-S3901_05 Datasheet
245Kb / 6P
   NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption
C3901 HAMAMATSU-C3901_10 Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
S8380 HAMAMATSU-S8380 Datasheet
148Kb / 4P
   NMOS linear image sensor NMOS linear image sensors with high IR sensitivity
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3901-1024Q HAMAMATSU-S3901-1024Q Datasheet
122Kb / 4P
   NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
   NMOS Linear image sensor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com