Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC283 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce CD54HC283
Description  High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD54HC283 Fiches technique(HTML) 4 Page - Texas Instruments

  CD54HC283_07 Datasheet HTML 1Page - Texas Instruments CD54HC283_07 Datasheet HTML 2Page - Texas Instruments CD54HC283_07 Datasheet HTML 3Page - Texas Instruments CD54HC283_07 Datasheet HTML 4Page - Texas Instruments CD54HC283_07 Datasheet HTML 5Page - Texas Instruments CD54HC283_07 Datasheet HTML 6Page - Texas Instruments CD54HC283_07 Datasheet HTML 7Page - Texas Instruments CD54HC283_07 Datasheet HTML 8Page - Texas Instruments CD54HC283_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
CIN to S1
tPLH, tPHL
CL = 50pF
2
-
-
180
-
225
-
270
ns
4.5
-
-
36
-
45
-
54
ns
CL = 15pF
5
-
15
-
-
-
-
-
ns
CL = 50pF
6
-
-
31
-
38
-
46
ns
CIN to S2, CIN to COUT
tPLH, tPHL
CL = 50pF
2
-
-
195
-
245
-
295
ns
4.5
-
-
39
-
49
-
59
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
CL = 50pF
6
-
-
33
-
42
-
50
ns
CIN to S3
tPLH, tPHL
CL = 50pF
2
-
-
230
-
290
-
345
ns
4.5
-
-
46
-
58
-
69
ns
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
6
-
-
39
-
49
-
59
ns
An, Bn to COUT
tPLH, tPHL
CL = 50pF
2
-
-
195
-
245
-
295
ns
4.5
-
-
39
-
49
-
59
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
CL = 50pF
6
-
-
33
-
42
-
50
ns
An, Bn to Sn
tPLH, tPHL
CL = 50pF
2
-
-
210
-
265
-
315
ns
4.5
-
-
42
-
53
-
63
ns
CL = 15pF
5
-
18
-
-
-
-
-
ns
CL = 50pF
6
-
-
36
-
45
-
54
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
16
-
19
ns
Input Capacitance
CIN
CL = 50pF
-
-
-
10
-
10
-
10
pF
Power Dissipation
Capacitance, (Notes 3, 4)
CPD
-5
-
70
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
CIN to S0
tPLH, tPHL
CL = 15pF
5
-
13
-
-
-
-
-
ns
CL = 50pF
4.5
-
-
31
-
39
-
47
ns
CIN to S1
tPLH, tPHL
CL = 15pF
5
-
18
-
-
-
-
-
ns
CL = 50pF
4.5
-
43
-
54
-
65
ns
CIN to S2, CIN to COUT
tPLH, tPHL
CL = 15pF
5
-
19
-
-
-
-
-
ns
CL = 50pF
4.5
-
46
-
58
-
69
ns
CIN to S3
tPLH, tPHL
CL = 15pF
5
-
22
-
-
-
-
-
ns
CL = 50pF
4.5
-
53
-
66
-
80
ns
An, Bn to COUT
tPLH,tPHLCL = 15pF
5
-
20
-
-
-
-
-
ns
CL = 50pF
4.5
-
48
-
60
-
72
ns
An, Bn to Sn
tPLH, tPHL
CL = 15pF
5
-
21
-
-
-
-
-
ns
CL = 50pF
4.5
-
49
-
61
-
74
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
15
-
19
-
22
ns
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC283, CD74HC283, CD54HCT283, CD74HCT283


Numéro de pièce similaire - CD54HC283_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC283 TI-CD54HC283_08 Datasheet
550Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
More results

Description similaire - CD54HC283_07

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC283 TI-CD54HC283_08 Datasheet
550Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI1-CD54HC283_14 Datasheet
457Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD74HC283 TI-CD74HC283 Datasheet
41Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
   4-bit Binary Full Adder with Fast Carry
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
   4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
   4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
   4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
   4-bit Binary Full Adder (with Fast Carry)
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
   4-BIT BINARY FULL ADDER WITH FAST CARRY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com