Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF01900AIDRCR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce BUF01900AIDRCR
Description  Programmable Voltage Source with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

BUF01900AIDRCR Fiches technique(HTML) 4 Page - Texas Instruments

  BUF01900AIDRCR Datasheet HTML 1Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 2Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 3Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 4Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 5Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 6Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 7Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 8Page - Texas Instruments BUF01900AIDRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
BUF01900
BUF01901
SBOS337A − OCTOBER 2006 − REVISED OCTOBER 2006
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = 18V, VSD = 5V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
Figure 1
1.5
1.0
0.5
0
ANALOG SUPPLY CURRENT vs TEMPERATURE
−40
−20
0
100
40
60
80
20
Temperature (
_C)
V
SD =8V
V
S = 18V
Figure 2
50
40
30
20
10
0
DIGITAL SUPPLY CURRENT vs TEMPERATURE
−40
−20
0
100
40
60
80
20
Temperature (
_C)
V
SD =5V
V
SD =2V
Figure 3
25
20
15
10
5
0
−5
−10
−15
−20
−25
BUFFER OFFSET VOLTAGE vs TEMPERATURE
(VS =18V,VSD =5V)
−40
−20
0
100
40
60
80
20
Temperature (
_C)
PDS limits are
±25mV
Figure 4
20
18
16
14
12
10
8
6
4
2
0
OUTPUT VOLTAGE vs OUTPUT CURRENT
0
25
100
50
75
I
OUT (mA)
Sourcing, Code = 3FFh
V
S = 18V
Sinking, Code = 000h
Figure 5
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
INTEGRAL NONLINEARITY ERROR vs INPUT CODE
0
128
256
384
512
1024
Input Code
640
768
896
10 Typical Units Shown
Figure 6
DIFFERENTIAL NONLINEARITY ERROR
vs INPUT CODE
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
0
128
256
384
512
1024
Input Decimal Code
640
768
896
10 Typical Units Shown


Numéro de pièce similaire - BUF01900AIDRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Description similaire - BUF01900AIDRCR

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
   Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
Microsemi Corporation
SG55327 MICROSEMI-SG55327 Datasheet
32Kb / 3P
   QUAD SOURCE MEMORY DRIVER
logo
Integrated Circuit Syst...
ICS307-01 ICST-ICS307-01 Datasheet
200Kb / 9P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
B&K Precision Corporati...
9830B BK-9830B Datasheet
3Mb / 7P
   Programmable AC Power Source
9830 BK-9830 Datasheet
2Mb / 5P
   Programmable AC Power Source
logo
Renesas Technology Corp
ICS307-02 RENESAS-ICS307-02 Datasheet
247Kb / 11P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
091511
logo
Integrated Circuit Syst...
ICS307-03 ICST-ICS307-03 Datasheet
347Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Device Techn...
ICS307-03 IDT-ICS307-03 Datasheet
153Kb / 14P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS307 ICST-ICS307 Datasheet
107Kb / 8P
   Serially Programmable Clock Source
logo
Renesas Technology Corp
IDT6V40277 RENESAS-IDT6V40277 Datasheet
315Kb / 12P
   SERIALLY PROGRAMMABLE CLOCK SOURCE
041813
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com