Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ABT8652DL Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ABT8652DL
Description  SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT8652DL Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ABT8652DL Datasheet HTML 1Page - Texas Instruments SN74ABT8652DL Datasheet HTML 2Page - Texas Instruments SN74ABT8652DL Datasheet HTML 3Page - Texas Instruments SN74ABT8652DL Datasheet HTML 4Page - Texas Instruments SN74ABT8652DL Datasheet HTML 5Page - Texas Instruments SN74ABT8652DL Datasheet HTML 6Page - Texas Instruments SN74ABT8652DL Datasheet HTML 7Page - Texas Instruments SN74ABT8652DL Datasheet HTML 8Page - Texas Instruments SN74ABT8652DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SN54ABT8652, SN74ABT8652
SCAN TEST DEVICES
WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SCBS122F – AUGUST 1992 – REVISED DECEMBER 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
SCOPE
™ Family of Testability Products
D Compatible With the IEEE Standard
1149.1-1990 (JTAG) Test Access Port and
Boundary-Scan Architecture
D Functionally Equivalent to ’F652 and
’ABT652 in the Normal-Function Mode
D SCOPE ™ Instruction Set
– IEEE Standard 1149.1-1990 Required
Instructions, Optional INTEST, CLAMP,
and HIGHZ
– Parallel-Signature Analysis at Inputs
With Masking Option
– Pseudo-Random Pattern Generation
From Outputs
– Sample Inputs/Toggle Outputs
– Binary Count From Outputs
– Even-Parity Opcodes
D Two Boundary-Scan Cells Per I/O for
Greater Flexibility
D State-of-the-Art EPIC-ΙΙB ™ BiCMOS Design
Significantly Reduces Power Dissipation
D Package Options Include Shrink
Small-Outline (DL) and Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Ceramic
DIPs (JT)
description
The ’ABT8652 scan test devices with octal bus
transceivers and registers are members of the
Texas
Instruments
SCOPE
testability
integrated-circuit family. This family of devices
supports IEEE Standard 1149.1-1990 boundary
scan to facilitate testing of complex circuit-board
assemblies. Scan access to the test circuitry is
accomplished via the 4-wire test access port
(TAP) interface.
In the normal mode, these devices are functionally equivalent to the ’F652 and ’ABT652 octal bus transceivers
and registers. The test circuitry can be activated by the TAP to take snapshot samples of the data appearing
at the device pins or to perform a self test on the boundary-test cells. Activating the TAP in normal mode does
not affect the functional operation of the SCOPE
™ octal bus transceivers and registers.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SCOPE and EPIC-
ΙΙB are trademarks of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
CLKAB
SAB
OEAB
A1
A2
A3
GND
A4
A5
A6
A7
A8
TDO
TMS
CLKBA
SBA
OEBA
B1
B2
B3
B4
VCC
B5
B6
B7
B8
TDI
TCK
32 1
13 14
5
6
7
8
9
10
11
B7
B8
TDI
TCK
TMS
TDO
A8
OEBA
SBA
CLKBA
CLKAB
SAB
OEAB
A1
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12
SN54ABT8652 . . . JT PACKAGE
SN74ABT8652 . . . DL OR DW PACKAGE
(TOP VIEW)
SN54ABT8652 . . . FK PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Numéro de pièce similaire - SN74ABT8652DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ABT8652DL TI-SN74ABT8652DL Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN74ABT8652DL TI1-SN74ABT8652DL Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN74ABT8652DLG4 TI1-SN74ABT8652DLG4 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
More results

Description similaire - SN74ABT8652DL

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8245 TI-SN54ABT8245_07 Datasheet
635Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A Datasheet
309Kb / 22P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54BCT8245A TI-SN54BCT8245A_08 Datasheet
658Kb / 29P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_08 Datasheet
665Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245 Datasheet
364Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8245 TI-SN54ABT8245_06 Datasheet
483Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS
SN54ABT8646 TI-SN54ABT8646 Datasheet
537Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND RESISTERS
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com