Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C7884 Fiches technique(PDF) 1 Page - Hamamatsu Corporation

No de pièce C7884
Description  High-precision driver circuit for current-output type NMOS linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7884 Fiches technique(HTML) 1 Page - Hamamatsu Corporation

  C7884_07 Datasheet HTML 1Page - Hamamatsu Corporation C7884_07 Datasheet HTML 2Page - Hamamatsu Corporation C7884_07 Datasheet HTML 3Page - Hamamatsu Corporation C7884_07 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
C7884 series is a driver circuit specifically designed for the Hamamatsu current-output type NMOS linear image sensors (S3901 to S3904 series,
S8380/S8381 series). NMOS linear image sensors are self-scanning photodiode arrays integrated with a scanning circuit of N-channel MOS
transistors.
C7884 series supplies start pulses and 2-phase clock pulses necessary for image sensor operation. C7884 series also includes a signal
processing circuit to read out video signals from an image sensor in the electric charge accumulation mode.
C7884 series operates by input of a master start pulse, master clock pulse and connection to double power supply (±12 V or ±15 V).
Features
l High-precision operation (compared to C7883 series)
l Low noise (compared to C7883 series)
l Compact (compared to conventional type C4070)
l Double power supply (±12 V or ±15 V) operation
IMAGE
SENSOR
Driver circuit for NMOS linear image sensor
High-precision driver circuit for current-output type NMOS linear image sensor
C7884 series
C7884
s Selection guide
Type No.
Product name
Feature
C7884
Driver circuit
High precision driver circuit for current-output type NMOS linear
image sensors.
Has no input/output connector.
C7884G
C7884 + Pulse generator
A dedicated pulse generator is pre-mounted on C7884 driver circuit
board.
Has no input/output connector.
C7884-01
Low noise driver circuit
Low noise driver circuit for current-output type NMOS linear image
sensors.
Has no input/output connector.
C7884G-01
C7884-01 + Pulse generator
A dedicated pulse generator is pre-mounted on C7884-01 driver
circuit board.
Has no input/output connector.
Note)
1: Standard input/output connector is FAP-16-07#2 (made by Yamaichi, sold separately). Equivalent connectors are available
from other manufacturers.
2: Custom products with an input/output connector pre-mounted are available on request. Please consult our sales office.
3: When ordering along with a dedicated cable (A8226), C7884 series will be shipped with a mating connector pre-mounted.
4: We welcome custom requests (e.g. different supply voltage or gain). Feel free to contact our sales office.
5: When high-speed measurements are required, refer to C7883 series data sheet.
6: When using voltage-output type NMOS linear image sensors, refer to C7885 series data sheet.
1


Numéro de pièce similaire - C7884_07

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C7884-01 HAMAMATSU-C7884-01 Datasheet
228Kb / 5P
   Driver circuit for NMOS linear image sensor
C7884-01 HAMAMATSU-C7884-01 Datasheet
209Kb / 6P
   Current output, high UV sensitivity, excellent linearity, low power consumption
More results

Description similaire - C7884_07

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
C7884 HAMAMATSU-C7884_15 Datasheet
391Kb / 5P
   High-precision driver circuits for current-output type NMOS linear image sensor
C7883 HAMAMATSU-C7883_07 Datasheet
183Kb / 3P
   High-speed driver circuit for current-output type NMOS linear image sensor
C7885 HAMAMATSU-C7885_07 Datasheet
190Kb / 3P
   Driver circuit for voltage-output type NMOS linear image sensor
C7885 HAMAMATSU-C7885 Datasheet
219Kb / 4P
   Driver circuit for NMOS linear image sensor
C7884 HAMAMATSU-C7884 Datasheet
228Kb / 5P
   Driver circuit for NMOS linear image sensor
C7883 HAMAMATSU-C7883 Datasheet
212Kb / 4P
   Driver circuit for NMOS linear image sensor
C8225 HAMAMATSU-C8225 Datasheet
113Kb / 2P
   Pulse generator for NMOS linear image sensor driver circuit
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com