Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TPCS8209_07 Datasheet(Fiches technique) 5 Page - Toshiba Semiconductor

Numéro de pièce TPCS8209_07
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

   
 5 page
background image
TPCS8209
2007-01-16
5
RDS (ON) – Ta
IDR – VDS
Capacitance – VDS
Vth – Ta
PD – Ta
Dynamic input/output characteristics
0
−100
−50
0
150
100
50
0.2
0.4
0.6
0.8
1
1.2
1.4
Common source
VDS = 10 V
ID = 200 μA
Pulse test
Common source
Pulse test
0
−50
10
20
30
40
50
60
0
50
150
100
ID = 5 A
2.5
1.25
ID = 5, 2.5, 1.25 A
ID = 5, 2.5, 1.25 A
VGS = 4.0 V
VGS = 2.5 V
VGS = 2.0 V
10
0.1
100
1000
10000
1
10
100
Ciss
Coss
Crss
Common source
Ta
= 25°C
f
= 1MHz
VGS = 0 V
Ambient temperature Ta (°C)
Drain-source voltage VDS (V)
Drain-source voltage VDS (V)
Ambient temperature Ta (°C)
Ambient temperature Ta (°C)
Total gate charge Qg (nC)
0
0
0.2
0.4
0.6
0.8
1
1.2
50
100
200
150
(1)
(4)
(3)
(2)
Device mounted on a glass-epoxy board (a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b)
(Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual
operation (Note 3b)
t
= 10 s
0
0
5
10
15
20
25
30
4
8
12
16
20
24
28
32
0
2
4
6
8
10
12
VDS = 16 V
Common source
ID = 5 A
Ta
= 25°C
Pulse test
VGS
0.1
0
−0.2
−0.4
−0.6
−0.8
−1
0.3
0.5
1
10
3
5
VGS = 0 V
Common source
Ta
= 25°C
Pulse test
1
2
4




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TPCS8104_07Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications 1 2 3 4 5 MoreToshiba Semiconductor
TPCS8105_07Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications 1 2 3 4 5 MoreToshiba Semiconductor
TPCS8204_07Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications 1 2 3 4 5 MoreToshiba Semiconductor
TPCS8208_07Lithium Ion Battery Applications 1 2 3 4 5 MoreToshiba Semiconductor
AAT2556Battery Charger and Step-Down Converter for Portable Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
BQ27000_06SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
BQ27000_07SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
NCP1800_04Single-Cell Lithium Ion Battery Charge Controller 1 2 3 4 5 MoreON Semiconductor
BQ27210Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS bqJUNIOR 1 2 3 4 5 MoreTexas Instruments
LX2206Dual Level Lithium Ion Battery Charger 1 2 3 4 5 MoreMicrosemi Corporation

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl