Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCF8201 Fiches technique(PDF) 5 Page - Toshiba Semiconductor

No de pièce TPCF8201
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8201 Fiches technique(HTML) 5 Page - Toshiba Semiconductor

  TPCF8201_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8201_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8201_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8201_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8201_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8201_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8201_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCF8201
2007-01-16
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
160
−40
0
40
80
120
−80
120
100
80
60
20
0
ID = 3A,1.5A,0.75A
VGS = 2.0 V
VGS = 4.5 V
ID = 3A,1.5A,0.75A
VGS = 2.5 V
ID = 1.5A,0.75A
ID = 3A
40
Common source
Pulse test
IDR – VDS
Drain-source voltage VDS (V)
0
0.1
−0.4
0.3
0.5
1
3
5
10
−0.8
−1.2
VGS = 0 V
10
2.5
2.0
Common source
Ta
= 25°C
Pulse test
Capacitance – VDS
Drain-source voltage VDS (V)
10
0.1
100
1000
1
3
5
10
30 50
100
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Vth – Ta
Ambient temperature Ta (°C)
0
0.4
0.6
0.8
1.2
−80
−40
0
40
80
120
160
1
0.2
Common source
VDS = 10 V
ID = 200μA
Pulse test
PD – Ta
Ambient temperature Ta (°C)
0
0
40
80
120
160
0.4
0.8
1.2
1.6
2
(4)
(1)
(3)
(2)
t
= 5 s
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual operation (Note 3b)
Total gate charge Qg (nC)
Dynamic input / output
characteristics
0
8
VDD = 16 V
VDS
4
8
10
0
2
4
6
4
8
12
16
20
0
2
4
6
VGS
Common source
ID = 3 A
Ta
= 25°C
Pulse test


Numéro de pièce similaire - TPCF8201_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCF8201 TOSHIBA-TPCF8201 Datasheet
187Kb / 7P
   Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCF8201 TOSHIBA-TPCF8201 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPCF8201 VBSEMI-TPCF8201 Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
More results

Description similaire - TPCF8201_07

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8001 TOSHIBA-TPCF8001 Datasheet
242Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
SSM3K15AFU TOSHIBA-SSM3K15AFU Datasheet
236Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8014 TOSHIBA-TPC8014 Datasheet
213Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPC8210 TOSHIBA-TPC8210 Datasheet
229Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com